Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61111FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61111FP
Description  Coil-less VIF/SIF
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61111FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61111FP Datasheet HTML 9Page - Renesas Technology Corp M61111FP Datasheet HTML 10Page - Renesas Technology Corp M61111FP Datasheet HTML 11Page - Renesas Technology Corp M61111FP Datasheet HTML 12Page - Renesas Technology Corp M61111FP Datasheet HTML 13Page - Renesas Technology Corp M61111FP Datasheet HTML 14Page - Renesas Technology Corp M61111FP Datasheet HTML 15Page - Renesas Technology Corp M61111FP Datasheet HTML 16Page - Renesas Technology Corp M61111FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M61111FP
Rev.1.00, Aug.25.2003, page 13 of 19
Mode Select
Recommended Condition: Ta = 25
°C, Vcc = 5.0 V
TV/FM select
2 pin condition
Recommendation
TV
DC Open
Open
Search (#1)
2.2-2.8 V
1/2 Vcc
FM
within 1.0 V
GND
#1:
Search mode use for shipping test only.
IF Defeat select
7 pin condition
Recommendation
Un defeat
DC Open
DC open
Defeat
within 0.5 V
GND
US/JP select
10 pin condition
Recommendation
US
No resistance
No resistance
JP
Pull down 1.0 k
Ω +/–10%
1 k
Ω to GND
Ref signal select
14 pin condition
Recommendation
3.58 M
No resistance
No resistance
4.00 M
Pull down 4.7 k
Ω +/–10%
4.7 k
Ω to GND
SIF defeat select
12 pin condition
Recommendation
Un defeat
DC Open
DC Open
Defeat
within 0.3 V
GND
FM Mode IF Frequency (INTER)
INTER
Ref signal
IF Frequency
US
3.58 MHz
42.341 MHz
4.00 MHz
42.500 MHz
JP
3.58 MHz
55.330 MHz
4.00 MHz
55.357 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com