Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7145KA Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7145KA
Description  3A, 12V, Synchronous-Rectified Buck Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7145KA Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7145KA Datasheet HTML 1Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 2Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 3Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 4Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 5Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 6Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 7Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 8Page - Anpec Electronics Coropration APW7145KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3- Sep., 2008
APW7145
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to AGND)
-0.3 ~ 15
V
> 100ns
-1 ~ VIN+1
VLX
LX to GND Voltage
< 100ns
- 5 ~ VIN+5
V
PGND to AGND Voltage
-0.3 ~ +0.3
V
EN to AGND Voltage
-0.3 ~ VIN+0.3
V
FB, COMP to AGND Voltage
-0.3 ~ 6
V
PD
Power Dissipation
Internally Limited
W
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1 : Stresses above those listed in bsolute Maximum Ratings may cause permanent damage to the device.
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish;
which are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-
020C for MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and
halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed
1500ppm by weight).
Pin Configuration
NC
VIN
AGND
FB
1
2
3
4
PGND
LX
EN
COMP
8
7
6
5
9
LX
APW7145
SOP-8P Top View
The Pin 7 must be connected to the Exposed Pad
DFN 4x4-8 Top View
1
6
5
4
3
2
8
7
PGND
EN
LX
COMP
VIN
FB
NC
AGND
APW7145
APW7145
Package Code
KA : SOP-8P
QA: DFN4x4-8
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
Assembly Material
APW7145 KA :
XXXXX - Date Code
APW7145
XXXXX
APW7145 QA :
APW7145
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com