Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54679SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M54679SP
Description  2-Phase Stepper Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M54679SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M54679SP Datasheet HTML 1Page - Renesas Technology Corp M54679SP Datasheet HTML 2Page - Renesas Technology Corp M54679SP Datasheet HTML 3Page - Renesas Technology Corp M54679SP Datasheet HTML 4Page - Renesas Technology Corp M54679SP Datasheet HTML 5Page - Renesas Technology Corp M54679SP Datasheet HTML 6Page - Renesas Technology Corp M54679SP Datasheet HTML 7Page - Renesas Technology Corp M54679SP Datasheet HTML 8Page - Renesas Technology Corp M54679SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M54679SP
Rev.1.0, Sep.17.2003, page 2 of 11
Pin Configuration (Top View)
32 Shrink-DIP (32P4B)
Ph1A
Ph1B
Vref
Vcc
S1
Rs1
Out1B
Out1A
P.GND
GND
Vm1
I1(1)
I0(1)
Stby
Regout
Ph2A
Ph2B
GND
I1(2)
I0(2)
Fref
Vm2
S2
Rs2
Out2A
Out2B
N.C
NC
1
2
3
4
5
6
7
10
11
12
13
14
15
16
8
9
20
21
22
23
26
27
28
29
30
31
32
17
18
19
24
25
Pin Functions
Symbol
Terminal
Function
Vm1, Vm2
Motor supply voltage
Power supply for motor driver.
Out1A, Out1B, Out2A,
Out2B,
Output terminals
Motor drive output terminals.
Rs1, Rs2
Current sensor
Output current sensing resistor (Rs) connection terminals.
Vcc
Power supply
Control circuit power supply.
Ph1A, Ph1B, Ph2A,
Ph2B
Phase input
Output current direction switch terminals.
I0(1), I1(1), I0(2), I1(2),
Output current change
Output current change (100%, 70%, 31%, 0%) terminals.
Stby
Standby input
Standby input (L: standby, H or Open: motor function) terminal.
S1, S2
Sense inputs
Input voltage terminal of comparators.
Vref
Vref input
Reference voltage due to setting output current.
Regout
Output of voltage stabilizer
Output of voltage stabilizer (Vout = 3.5 V).
Fref
A capacitor for oscillator
A capacitor due to PWM carrier frequency.
P.GND
Power GND
The GND terminal of bottom side flywheel diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com