Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61528FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61528FP
Description  SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61528FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61528FP Datasheet HTML 1Page - Renesas Technology Corp M61528FP Datasheet HTML 2Page - Renesas Technology Corp M61528FP Datasheet HTML 3Page - Renesas Technology Corp M61528FP Datasheet HTML 4Page - Renesas Technology Corp M61528FP Datasheet HTML 5Page - Renesas Technology Corp M61528FP Datasheet HTML 6Page - Renesas Technology Corp M61528FP Datasheet HTML 7Page - Renesas Technology Corp M61528FP Datasheet HTML 8Page - Renesas Technology Corp M61528FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
M61528FP
Rev.1.1, Dec.17.2003, page 2 of 30
Function
• Fixed equalizer
Frequency
range
Center frequency f0[Hz]
Control range
Quality factor Q
Note.
FRONT : 1.5 to 3.0 / 0.5 step
Low
120, 150, 200, 300
0dB to –8dB / 0.5dB step
REAR : 2.0 to 4.0 / 0.5 step
Mid
800, 1.2K, 1.5K, 2K, 3K
+4dB to –8dB / 0.5dB step
0.8 to 2.0 / 0.2 step
High
8K, 10K, 18K
+8dB to –8dB / 0.5dB step
0.4 to 1.0 / 0.2 step
4 independent
each equalizer
controls.
• FADER
 0dB to –50dB / 2dB , -∞dB ( 4 independent fader controls )
 The Soft-changing can work in gain step by 2dB.
 Refer to 15 page for Soft-changing.
Pin configuration(top view)
1
2
3
4
5
6
7
8
9
10
11
12
23
22
21
20
19
18
16
15
14
13
17
24
FLIN
FRIN
RLIN
RRIN
TEST
DGND
VREFIN
VCC
NC
NC
SACTIVE
OSCR
FROUT
RLOUT
RROUT
NC
DGND
DATA
CLOCK
OSCIN
OSCOUT
Outline 24pin SSOP
GND
GND
FLOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com