Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61558FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61558FP Datasheet HTML 9Page - Renesas Technology Corp M61558FP Datasheet HTML 10Page - Renesas Technology Corp M61558FP Datasheet HTML 11Page - Renesas Technology Corp M61558FP Datasheet HTML 12Page - Renesas Technology Corp M61558FP Datasheet HTML 13Page - Renesas Technology Corp M61558FP Datasheet HTML 14Page - Renesas Technology Corp M61558FP Datasheet HTML 15Page - Renesas Technology Corp M61558FP Datasheet HTML 16Page - Renesas Technology Corp M61558FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M61558FP
Rev.1.0, Sep.19.2003, page 13 of 17
Conditions required for resumption from abnormal states
Abnormal state
Condition for resumption
VDD under voltage
After the voltage has returned to the normal level and this has been confirmed by the
internal VDD detection circuit, the IC resumes normal operation on the next rising
edge of either INA+ or INB+.
Over Temperature, over current
After the state has returned to normal, the condition for resumption is the falling edge
of EN. The IC then returns to normal operation on the next rising edge of either INA+
or INB+.
Timing chart for protector detection-output PROUT (pin 21) and enable input EN (pin 25)
Detctiond Protect detected (Over Temperature or Over current)
1 to 10
µs or less
On input of the low level to EN (pin 19),
normal operation resumes on the next
rising edge of input signal INA+ or INB+.
Protect Operation
(End of protect evnaition)
INA+ or INB+
Power-output stage
FET control
Normal
operation
Normal
operation
Recovery of PROUT (on the falling edge of EN)
Protector detection-circuit output
PROUT (pin 21)
Enable input EN
(pin 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com