Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54133FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M54133FP
Description  Earth Leakage Current Detector
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M54133FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M54133FP Datasheet HTML 9Page - Renesas Technology Corp M54133FP Datasheet HTML 10Page - Renesas Technology Corp M54133FP Datasheet HTML 11Page - Renesas Technology Corp M54133FP Datasheet HTML 12Page - Renesas Technology Corp M54133FP Datasheet HTML 13Page - Renesas Technology Corp M54133FP Datasheet HTML 14Page - Renesas Technology Corp M54133FP Datasheet HTML 15Page - Renesas Technology Corp M54133FP Datasheet HTML 16Page - Renesas Technology Corp M54133FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
M54133FP/GP
Rev.1.0, Sep.16.2003, page 13 of 17
6
810
12
4
2
3
TRC1 PULSE WIDTH VS.
SUPPLY VOLTAGE CHARACTERISTICS
SUPPLY VOLTAGE (V)
6
810
12
1.2
0.4
0.8
OFFC "L" OUTPUT VOLTAGE VS.
SUPPLY VOLTAGE CHARACTERISTICS
SUPPLY VOLTAGE (V)
-50
0
50
100
1.2
0.4
0.8
AMBIENT TEMPERATURE (
°C)
6
810
12
100
60
70
80
90
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (
°C)
-50
0
50
100
60
70
90
OFFC "L" OUTPUT VOLTAGE VS.
AMBIENT TEMPERATURE CHARACTERISTICS
OFFC PULSE WIDTH VS.
SUPPLY VOLTAGE CHARACTERISTICS
OFFC PULSE WIDTH VS.
AMBIENT TEMPERATURE CHARACTERISTICS
80
100
VS=9V
OFFC=0.33
µF
Ta=+25
°C
OFFC=0.33
µF
-50
0
50
100
4
2
3
TRC1 PULSE WIDTH VS.
AMBIENT TEMPERATURE CHARACTERISTICS
AMBIENT TEMPERATURE (
°C)
VS=9V
TRC1=0.01
µF
Ta=+25
°C
TRC1=0.01
µF
Ta=+25
°C
VS=9V
1.0
0.6
1.0
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com