Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5NA90 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5NA90
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5NA90 Datasheet(HTML) 1 Page - STMicroelectronics

  STW5NA90 Datasheet HTML 1Page - STMicroelectronics STW5NA90 Datasheet HTML 2Page - STMicroelectronics STW5NA90 Datasheet HTML 3Page - STMicroelectronics STW5NA90 Datasheet HTML 4Page - STMicroelectronics STW5NA90 Datasheet HTML 5Page - STMicroelectronics STW5NA90 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STW5NA90
STH5NA90FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
PRELIMINARY DATA
s
TYPICAL RDS(on) = 2.1
Ω
s
± 30 V GATE-TO-SOURCE VOLTAGE
RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
GATE CHARGE MINIMISED
s
REDUCED THRESHOLD VOLTAGE SPREAD
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Un it
STW 5NA90
ST H5NA90F I
VDS
Drain-source Voltage (VGS = 0)
900
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
900
V
VGS
Gat e-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC5.3
3. 5
A
ID
Drain Current (continuous) at Tc =100
oC3.4
2. 2
A
IDM(
•)
Drain Current (pulsed)
21. 2
21.2
A
Ptot
Tot al Dissipation at Tc =25
oC
150
60
W
Derating Factor
1. 2
0.48
W /
oC
VISO
Insulat ion W it hst and Voltage (DC)
4000
V
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction T emperat ure
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
ST W5NA90
ST H5NA90F I
900 V
900 V
<2.5
Ω
<2.5
Ω
5.3 A
3.5 A
January 1998
TO-247
ISOWATT218
1
2
3
1
2
3
1/6


Similar Part No. - STW5NA90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
logo
Inchange Semiconductor ...
STW5NA100 ISC-STW5NA100 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW5NA90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com