Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54641FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M54641FP
Description  Bi-Directional Motor Driver with Brake Function
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M54641FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M54641FP Datasheet HTML 1Page - Renesas Technology Corp M54641FP Datasheet HTML 2Page - Renesas Technology Corp M54641FP Datasheet HTML 3Page - Renesas Technology Corp M54641FP Datasheet HTML 4Page - Renesas Technology Corp M54641FP Datasheet HTML 5Page - Renesas Technology Corp M54641FP Datasheet HTML 6Page - Renesas Technology Corp M54641FP Datasheet HTML 7Page - Renesas Technology Corp M54641FP Datasheet HTML 8Page - Renesas Technology Corp M54641FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.0, Sep.19.2003, page 1 of 8
M54641L/FP
Bi-Directional Motor Driver with Brake Function
REJ03F0043-0100Z
Rev.1.0
Sep.19.2003
Description
The M54641 is a semiconductor integrated circuit that is capable of directly driving a smallsize bi-directional motor
rotating in both forward and reverse directions.
Features
• Wide range of operating voltage (V
CC = 4 – 10V,VCC’(max) = 20V)
• Low output saturation voltage in stationary motor circuit (largevoltage across motors)
• Built-in clamp diode
• Provided with output voltage control pin (V
Z)
• Built-in thermal shutdown circuit (Tj(shut) = 120°C standard)
Application
Sound equipment such as tape deck and radio cassette, and VTR
Function
The M54641 is an IC for driving a smallsize bi-directional motor that rotates in both forward and reverse directions.
Giving signal to inputs IN1 and IN2 outputs the signal of the same phase to output pins O1 and O2. That is, giving
high-level signal to input IN1 and low-level signal to input IN2 sets output O1 to high-level and output O2 to low-level.
Connection of a motor between output pins O1 and O2 uses O1 as an output current source and O2 as an output current
sink to rotate the motor. In addition, giving the reverse signal to inputs IN1 and IN2 sets O1 and O2 to low-level and
high-level, respectively, resulting in rotating the motor reversely.
However, when both IN1 and IN2 are set to “H”, both O1 and O2 are set to low-level, resulting in sudden stop of motor
rotation. (Brake mode)
If the Zener diode of certain voltage, for example, is added to the V
Z pin, the output “H” voltage does not rise over the
Zener voltage and the motor rotates at constant speed.
If the V
Z pin is connected to the output power supply VCC’ pin, the rotating speed of the motor can be varied by varying
the V
CC’ voltage.
The motor rush current and the current with the motor put in stationary status are as follows: Iop(max) = 800mA and
I
O(max) = 150mA.


Similar Part No. - M54641FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54641FP MITSUBISHI-M54641FP Datasheet
79Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
More results

Similar Description - M54641FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54543AFP MITSUBISHI-M54543AFP Datasheet
74Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543AL MITSUBISHI-M54543AL Datasheet
24Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543ASL MITSUBISHI-M54543ASL Datasheet
231Kb / 4P
BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54543L MITSUBISHI-M54543L Datasheet
42Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54544AL MITSUBISHI-M54544AL Datasheet
75Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
M54544L MITSUBISHI-M54544L Datasheet
80Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
M54641L MITSUBISHI-M54641L Datasheet
79Kb / 4P
Bi-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION
logo
Toshiba Semiconductor
TA8050AK TOSHIBA-TA8050AK Datasheet
274Kb / 8P
1.5A MOTOR DRIVER WITH BRAKE FUNCTION
logo
Mitsubishi Electric Sem...
M54549AL MITSUBISHI-M54549AL Datasheet
206Kb / 4P
DUAL BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
logo
NTE Electronics
NTE1892 NTE-NTE1892 Datasheet
103Kb / 3P
Integrated Circuit Dual Bi−Directional Motor Driver with Brake Function and Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com