Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54646AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M54646AP
Description  2-Phase Stepper Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M54646AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M54646AP Datasheet HTML 1Page - Renesas Technology Corp M54646AP Datasheet HTML 2Page - Renesas Technology Corp M54646AP Datasheet HTML 3Page - Renesas Technology Corp M54646AP Datasheet HTML 4Page - Renesas Technology Corp M54646AP Datasheet HTML 5Page - Renesas Technology Corp M54646AP Datasheet HTML 6Page - Renesas Technology Corp M54646AP Datasheet HTML 7Page - Renesas Technology Corp M54646AP Datasheet HTML 8Page - Renesas Technology Corp M54646AP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M54646AP
Rev.1.0, Sep.19.2003, page 3 of 8
Recommended Operating Condition
(Ta = 25°C, unless otherwise noted.)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
V
CC
4.5
5
5.5
V
Output supply voltage
V
MM
10
40
V
Output current
I
O
20
800
mA
Logic input rise time
t
PLH
2
µS
Logic input fall time
t
PHL
2
µS
Thermal shutdown temperature
T
ON
165
°C
Electrical characteristics
(Ta = 25°C, VCC = 5.0V, unless otherwise noted.)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Logic input voltage
“H”
V
IH
2.0
Vcc
V
V
CC=5V
“L”
V
IL
0
0.8
Comparator threshold voltage
V
CH
400
430
450
mV
V
R=5V
Comparator input current
I
CO
−20
20
µA
Output cutoff current
I
OFF
100
µA
Total saturation voltage
Vsat
3.5
V
Sensing resistance is not included.
(I
O=500mA)
Cutoff time
t
OFF
25
30
35
µS
V
MM=10V, tON ≥ 5µs
Turnoff delay
td
1.6
2.0
µS
dVK/dt
≥ 50mV/µs
Power current
I
CC
25
mA
V
CC=5V, 1phase
Logic input current
“H”
I
IH
20
µA
VI=2.4V
“L”
I
IL
−0.4
mA
VI=0.4V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com