Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65856SP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M65856SP
Description  Digital Echo with Mic-mixing Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65856SP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M65856SP Datasheet HTML 9Page - Renesas Technology Corp M65856SP Datasheet HTML 10Page - Renesas Technology Corp M65856SP Datasheet HTML 11Page - Renesas Technology Corp M65856SP Datasheet HTML 12Page - Renesas Technology Corp M65856SP Datasheet HTML 13Page - Renesas Technology Corp M65856SP Datasheet HTML 14Page - Renesas Technology Corp M65856SP Datasheet HTML 15Page - Renesas Technology Corp M65856SP Datasheet HTML 16Page - Renesas Technology Corp M65856SP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
M65856SP
Rev.1.0, Sep.22.2003, page 13 of 18
(5) ALC level diagram
-30
-20
-10
0
+3
10
- 50 - 40 - 30 - 20 - 10
Mic amplifier gain 47 dB set value
ALC operating voltage setting range
Vo(dBV)
Vi(dBV)
-60
-70
(6) ALC operating voltage setting
The ALC operating voltage may be set to any desired value within a range of -10 dBV to +3 dBV, depending on the
value of the direct current voltage applied to Pin 3 (ALC operating voltage setting).
Peak voltage Vpo of
wave height on one side
VALC: Voltage applied to Pin [3]
OV
VALC=
Vcc- Vpo
2.5V(
Vcc )
Internal direct current bias
1
2
1
2
Example showing the ALC operating voltage set to -5 dB (when Vcc = 5 V)
-5 dBV = 0.56 Vrms = 1.59 Vp-p = 0.8 Vp-o
VALC = 2.5 - 0.8 = 1.7 V
Because of the high input impedance of Pins 5 and 10, which exceeds 1 M
Ω, the ALC reference voltage can be applied
by splitting the resistance.
3
Vcc
51k
0.01
µ
R
at Vcc = 5 V:
ALC operating voltage (dBV)
Voltage VALC (V)
applied to Pins 5 and 10
Resistance R (
Ω)
+3
0.50
5.6 k
0
1.09
15 k
–2
1.38
20 k
–4
1.61
24 k
–6
1.79
27 k
–8
1.94
33 k
–10
2.05
36 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com