Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA7759 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PCA7759
Description  MCU Signal Measurement Board for Renesas Emulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCA7759 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PCA7759 Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
Function
The PCA7759 is a board for MCU signal measurement which is
connected between an emulation probe or emulator and a package
converter (M3T-FLX-144NSE etc.). The PCA7759 can be used for
the following package converters which can connect with 160-core
flexible board FLX160.
• M3T-F160-100NSD
• M3T-F160-128NRD
• M3T-FLX-120NSE
• M3T-FLX-144NSD
• M3T-FLX-144NSE
• M30800T-PTC, etc.
Application
You can confirm each signal of MCU in the hole of 2.54mm pitch
when you connect a PCA7759 between emulation probe or emulator
and a package converter. You can measure each signal of MCU
easily.
Dimensions
65.0(D)×110.0(W)mm
PCA7759
MCU Signal Measurement Board for Renesas Emulator
Attaching Procedure
(1) On top of the target system, attach the package converter
(M30800T-PTC etc.) and the PCA7759.
(2) Attach the emulation probe or emulator on top of (1).
[Ordering Information] See Appendix H "Ordering Information".


Similar Part No. - PCA7759

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA7750G02 RENESAS-PCA7750G02 Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
PCA7750G02-BARE RENESAS-PCA7750G02-BARE Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
PCA7752AG02 RENESAS-PCA7752AG02 Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
PCA7752AG02-BARE RENESAS-PCA7752AG02-BARE Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
PCA7752B RENESAS-PCA7752B Datasheet
2Mb / 16P
Converter from 80-pin 0.65mm-pitch QFP
More results

Similar Description - PCA7759

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com