Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7080 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SH7080
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1644 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7080 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SH7080 Datasheet HTML 17Page - Renesas Technology Corp SH7080 Datasheet HTML 18Page - Renesas Technology Corp SH7080 Datasheet HTML 19Page - Renesas Technology Corp SH7080 Datasheet HTML 20Page - Renesas Technology Corp SH7080 Datasheet HTML 21Page - Renesas Technology Corp SH7080 Datasheet HTML 22Page - Renesas Technology Corp SH7080 Datasheet HTML 23Page - Renesas Technology Corp SH7080 Datasheet HTML 24Page - Renesas Technology Corp SH7080 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1644 page
background image
Rev. 3.00 May 17, 2007 Page xxi of lviii
Section 18 I
2C Bus Interface 2 (I2C2) ................................................................901
18.1
Features.............................................................................................................................. 901
18.2
Input/Output Pins ...............................................................................................................904
18.3
Register Descriptions ......................................................................................................... 905
18.3.1 I
2C Bus Control Register 1 (ICCR1)..................................................................... 905
18.3.2 I
2C Bus Control Register 2 (ICCR2)..................................................................... 908
18.3.3 I
2C Bus Mode Register (ICMR)............................................................................ 910
18.3.4 I
2C Bus Interrupt Enable Register (ICIER) ........................................................... 912
18.3.5 I
2C Bus Status Register (ICSR)............................................................................. 914
18.3.6 I
2C Bus Slave Address Register (SAR)................................................................. 917
18.3.7 I
2C Bus Transmit Data Register (ICDRT)............................................................. 918
18.3.8 I
2C Bus Receive Data Register (ICDRR).............................................................. 918
18.3.9 I
2C Bus Shift Register (ICDRS)............................................................................ 918
18.3.10 NF2CYC Register (NF2CYC) .............................................................................. 919
18.4
Operation ........................................................................................................................... 920
18.4.1 I
2C Bus Format...................................................................................................... 920
18.4.2 Master Transmit Operation ................................................................................... 921
18.4.3 Master Receive Operation..................................................................................... 923
18.4.4 Slave Transmit Operation ..................................................................................... 926
18.4.5 Slave Receive Operation....................................................................................... 929
18.4.6 Clock Synchronous Serial Format ........................................................................ 930
18.4.7 Noise Filter ........................................................................................................... 934
18.4.8 Example of Use..................................................................................................... 935
18.5
I
2C2 Interrupt Sources........................................................................................................ 939
18.6
Operation Using the DTC .................................................................................................. 940
18.7
Bit Synchronous Circuit..................................................................................................... 941
18.8
Usage Note......................................................................................................................... 943
18.8.1 Module Standby Mode Setting ............................................................................. 943
18.8.2 Issuance of Stop Condition and Repeated Start Condition ................................... 943
18.8.3 Issuance of a Start Condition and Stop Condition in Sequence ............................ 943
18.8.4 Settings for Multi-Master Operation..................................................................... 944
18.8.5 Reading ICDRR in Master Receive Mode............................................................ 944
Section 19 A/D Converter (ADC)......................................................................945
19.1
Features.............................................................................................................................. 945
19.2
Input/Output Pins ...............................................................................................................947
19.3
Register Descriptions ......................................................................................................... 948
19.3.1 A/D Data Registers 0 to 15 (ADDR0 to ADDR15) .............................................. 949
19.3.2 A/D Control/Status Registers_0 to _2 (ADCSR_0 to ADCSR_2)........................ 950
19.3.3 A/D Control Registers_0 to _2 (ADCR_0 to ADCR_2)....................................... 953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com