Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7137 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7137
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7137 Datasheet HTML 69Page - Renesas Technology Corp SH7137 Datasheet HTML 70Page - Renesas Technology Corp SH7137 Datasheet HTML 71Page - Renesas Technology Corp SH7137 Datasheet HTML 72Page - Renesas Technology Corp SH7137 Datasheet HTML 73Page - Renesas Technology Corp SH7137 Datasheet HTML 74Page - Renesas Technology Corp SH7137 Datasheet HTML 75Page - Renesas Technology Corp SH7137 Datasheet HTML 76Page - Renesas Technology Corp SH7137 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1160 page
background image
Section 2 CPU
Rev. 2.00 Sep. 10, 2008 Page 47 of 1130
REJ09B0402-0200
• Reset state
The CPU is reset. When the
RES pin is low, the CPU enters the power-on reset state. When the
RES pin is high and MRES pin is low, the CPU enters the manual reset state.
• Exception handling state
This state is a transitional state in which the CPU processing state changes due to a request for
exception handling such as a reset or an interrupt.
When a reset occurs, the execution start address as the initial value of the program counter
(PC) and the initial value of the stack pointer (SP) are fetched from the exception handling
vector table. Then, a branch is made for the start address to execute a program.
When an interrupt occurs, the PC and status register (SR) are saved in the stack area pointed to
by SP. The start address of an exception handling routine is fetched from the exception
handling vector table and a branch to the address is made to execute a program.
Then the processing state enters the program execution state.
• Program execution state
The CPU executes programs sequentially.
• Power-down state
The CPU stops to reduce power consumption. The SLEEP instruction makes the CPU enter
sleep mode, software standby mode, or deep software standby mode.
• Bus release state
In the bus release state, the CPU releases access rights to the bus to the device that has
requested them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com