Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7146 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7146
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7146 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7146 Datasheet HTML 35Page - Renesas Technology Corp SH7146 Datasheet HTML 36Page - Renesas Technology Corp SH7146 Datasheet HTML 37Page - Renesas Technology Corp SH7146 Datasheet HTML 38Page - Renesas Technology Corp SH7146 Datasheet HTML 39Page - Renesas Technology Corp SH7146 Datasheet HTML 40Page - Renesas Technology Corp SH7146 Datasheet HTML 41Page - Renesas Technology Corp SH7146 Datasheet HTML 42Page - Renesas Technology Corp SH7146 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1022 page
background image
Rev. 3.00 May 17, 2007 Page xxxix of xliv
Table 9.8
Minimum Number of Idle Cycles between CPU Access Cycles
in Normal Space Interface .................................................................................... 224
Table 9.9
Minimum Number of Idle Cycles between Access Cycles
during DTC Transfer for the Normal Space Interface .......................................... 225
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Table 10.1
MTU2 Functions................................................................................................... 234
Table 10.2
Pin Configuration.................................................................................................. 239
Table 10.3
Register Configuration.......................................................................................... 240
Table 10.4
CCLR0 to CCLR2 (Channels 0, 3, and 4) ............................................................ 245
Table 10.5
CCLR0 to CCLR2 (Channels 1 and 2) ................................................................. 245
Table 10.6
TPSC0 to TPSC2 (Channel 0) .............................................................................. 246
Table 10.7
TPSC0 to TPSC2 (Channel 1) .............................................................................. 246
Table 10.8
TPSC0 to TPSC2 (Channel 2) .............................................................................. 247
Table 10.9
TPSC0 to TPSC2 (Channels 3 and 4) ................................................................... 247
Table 10.10
TPSC1 and TPSC0 (Channel 5)........................................................................ 248
Table 10.11
Setting of Operation Mode by Bits MD0 to MD3 ............................................ 250
Table 10.12
TIORH_0 (Channel 0) ...................................................................................... 253
Table 10.13
TIORL_0 (Channel 0)....................................................................................... 254
Table 10.14
TIOR_1 (Channel 1) ......................................................................................... 255
Table 10.15
TIOR_2 (Channel 2) ......................................................................................... 256
Table 10.16
TIORH_3 (Channel 3) ...................................................................................... 257
Table 10.17
TIORL_3 (Channel 3)....................................................................................... 258
Table 10.18
TIORH_4 (Channel 4) ...................................................................................... 259
Table 10.19
TIORL_4 (Channel 4)....................................................................................... 260
Table 10.20
TIORH_0 (Channel 0) ...................................................................................... 261
Table 10.21
TIORL_0 (Channel 0)....................................................................................... 262
Table 10.22
TIOR_1 (Channel 1) ......................................................................................... 263
Table 10.23
TIOR_2 (Channel 2) ......................................................................................... 264
Table 10.24
TIORH_3 (Channel 3) ...................................................................................... 265
Table 10.25
TIORL_3 (Channel 3)....................................................................................... 266
Table 10.26
TIORH_4 (Channel 4) ...................................................................................... 267
Table 10.27
TIORL_4 (Channel 4)....................................................................................... 268
Table 10.28
TIORU_5, TIORV_5, and TIORW_5 (Channel 5)........................................... 269
Table 10.29
Setting of Transfer Timing by BF1 and BF0 Bits............................................. 291
Table 10.30
Output Level Select Function ........................................................................... 304
Table 10.31
Output Level Select Function ........................................................................... 305
Table 10.32
Setting of Bits BF1 and BF0............................................................................. 307
Table 10.33
TIOC4D Output Level Select Function ............................................................ 307
Table 10.34
TIOC4B Output Level Select Function............................................................. 308
Table 10.35
TIOC4C Output Level Select Function............................................................. 308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com