Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7145 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7145
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
PDF  930 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7145 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7145 Datasheet HTML 69Page - Renesas Technology Corp SH7145 Datasheet HTML 70Page - Renesas Technology Corp SH7145 Datasheet HTML 71Page - Renesas Technology Corp SH7145 Datasheet HTML 72Page - Renesas Technology Corp SH7145 Datasheet HTML 73Page - Renesas Technology Corp SH7145 Datasheet HTML 74Page - Renesas Technology Corp SH7145 Datasheet HTML 75Page - Renesas Technology Corp SH7145 Datasheet HTML 76Page - Renesas Technology Corp SH7145 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 930 page
background image
2. CPU
Rev.4.00 Mar. 27, 2008 Page 29 of 882
REJ09B0108-0400
2.4.3
Instruction Format
The instruction formats and the meaning of source and destination operand are described below.
The meaning of the operand depends on the instruction code. The symbols used are as follows:
• xxxx: Instruction code
• mmmm: Source register
• nnnn: Destination register
• iiii: Immediate data
• dddd: Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
—
—
NOP
—
nnnn: Direct
register
MOVT
Rn
Control register or
system register
nnnn: Direct
register
STS
MACH,Rn
n format
xxxx
xxxx
xxxx
nnnn
15
0
Control register or
system register
nnnn: Indirect pre-
decrement register
STC.L SR,@-Rn
mmmm: Direct
register
Control register or
system register
LDC
Rm,SR
m format
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: Indirect
post-increment
register
Control register or
system register
LDC.L @Rm+,SR
mmmm: Indirect
register
—
JMP
@Rm
mmmm: PC relative
using Rm
—
BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com