Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7149 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 45Page - Renesas Technology Corp SH7149 Datasheet HTML 46Page - Renesas Technology Corp SH7149 Datasheet HTML 47Page - Renesas Technology Corp SH7149 Datasheet HTML 48Page - Renesas Technology Corp SH7149 Datasheet HTML 49Page - Renesas Technology Corp SH7149 Datasheet HTML 50Page - Renesas Technology Corp SH7149 Datasheet HTML 51Page - Renesas Technology Corp SH7149 Datasheet HTML 52Page - Renesas Technology Corp SH7149 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1022 page
background image
Section 1 Overview
Rev. 3.00 May 17, 2007 Page 5 of 974
REJ09B0229-0300
Items
Specification
Multi-function timer
pulse unit 2S (MTU2S)
• Subset of MTU2, including channels 3 to 5
• Operating at 80 MHz max.
Port output enable
(POE)
• High-impedance control of waveform output pins in MTU2 and MTU2S
Compare match timer
(CMT)
• 16-bit counters
• Compare match interrupts can be generated
• Two channels
Serial communication
interface (SCI)
• Clock synchronous or asynchronous mode
• Three channels
A/D converter (ADC)
• 10 bits × 12 channels
• Conversion request by external triggers, MTU2, or MTU2S
• Three sample-and-hold function units (three channels can be sampled
simultaneously)
I/O ports
• 45 general input/output pins and 12 general input pins (SH7146)
• 63 general input/output pins and 12 general input pins (SH7149)
• Input or output can be selected for each bit
Packages
• LQFP1414-80 (0.65 pitch) (SH7146)
• LQFP1414-100 (0.5 pitch) (SH7149)
• QFP1420-100 (0.65 pitch) (SH7149)
Power supply voltage
• Vcc: 4.0 to 5.5 V
• AVcc: 4.0 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com