Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIC702M Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BIC702M
Description  Bias Controlled Monolithic IC VHF/UHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BIC702M Datasheet(HTML) 3 Page - Renesas Technology Corp

  BIC702M Datasheet HTML 1Page - Renesas Technology Corp BIC702M Datasheet HTML 2Page - Renesas Technology Corp BIC702M Datasheet HTML 3Page - Renesas Technology Corp BIC702M Datasheet HTML 4Page - Renesas Technology Corp BIC702M Datasheet HTML 5Page - Renesas Technology Corp BIC702M Datasheet HTML 6Page - Renesas Technology Corp BIC702M Datasheet HTML 7Page - Renesas Technology Corp BIC702M Datasheet HTML 8Page - Renesas Technology Corp BIC702M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BIC702M
Bias Controlled Monolithic IC
VHF/UHF RF Amplifier
ADE-208-813D (Z)
5th. Edition
Mar. 2001
Features
• Bias Controlled Monolithic IC (No external DC biasing voltage on gate1.);
To reduce using parts cost & PC board space.
• High |yfs| ;
|yfs| = 29 mS typ. ( f = 1kHz)
• Low noise;
NF = 1.0 dB typ. (at f = 200 MHz), NF = 1.6 dB typ. (at f = 900 MHz)
• Withstanding to ESD;
Build in ESD absorbing diode. Withstand up to 200V at C = 200pF, Rs = 0 conditions.
• Provide mini mold package; MPAK-4 (SOT-143Rmod)
Outline
MPAK-4
1
4
3
2
1. Source
2. Gate1
3. Gate2
4. Drain
Notes:
1.
Marking is “BZ–”.
2.
BIC702M is individual type number of HITACHI BICMIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com