Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R8C2A
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 10Page - Renesas Technology Corp R8C2A Datasheet HTML 11Page - Renesas Technology Corp R8C2A Datasheet HTML 12Page - Renesas Technology Corp R8C2A Datasheet HTML 13Page - Renesas Technology Corp R8C2A Datasheet HTML 14Page - Renesas Technology Corp R8C2A Datasheet HTML 15Page - Renesas Technology Corp R8C2A Datasheet HTML 16Page - Renesas Technology Corp R8C2A Datasheet HTML 17Page - Renesas Technology Corp R8C2A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 609 page
background image
B - 1
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
90
0005h
Processor Mode Register 1
PM1
90
0006h
System Clock Control Register 0
CM0
96
0007h
System Clock Control Register 1
CM1
97
0008h
Module Standby Control Register
MSTCR
198, 250,
265, 283,
297, 308,
323, 396,
426
0009h
000Ah
Protect Register
PRCR
121
000Bh
000Ch
Oscillation Stop Detection Register
OCD
98
000Dh
Watchdog Timer Reset Register
WDTR
151
000Eh
Watchdog Timer Start Register
WDTS
151
000Fh
Watchdog Timer Control Register
WDC
151
0010h
Address Match Interrupt Register 0
RMAD0
143
0011h
0012h
0013h
Address Match Interrupt Enable Register
AIER
143
0014h
Address Match Interrupt Register 1
RMAD1
143
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
152
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control Register 0 FRA0
99
0024h
High-Speed On-Chip Oscillator Control Register 1 FRA1
99
0025h
High-Speed On-Chip Oscillator Control Register 2 FRA2
100
0026h
0027h
0028h
Clock Prescaler Reset Flag
CPSRF
101
0029h
002Ah
002Bh
High-Speed On-Chip Oscillator Control Register 6 FRA6
100
002Ch
High-Speed On-Chip Oscillator Control Register 7 FRA7
100
002Dh
002Eh
002Fh
0030h
0031h
Voltage Detection Register 1
VCA1
45
0032h
Voltage Detection Register 2
VCA2
45, 101
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
47
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
48
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
46
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
Timer RC Interrupt Control Register
TRCIC
128
0048h
Timer RD0 Interrupt Control Register
TRD0IC
128
0049h
Timer RD1 Interrupt Control Register
TRD1IC
128
004Ah
Timer RE Interrupt Control Register
TREIC
127
004Bh
UART2 Transmit Interrupt Control Register S2TIC
127
004Ch
UART2 Receive Interrupt Control Register
S2RIC
127
004Dh
Key Input Interrupt Control Register
KUPIC
127
004Eh
004Fh
SSU/IIC Interrupt Control Register
SSUIC/IICIC
128
0050h
Compare 1 Interrupt Control Register
CMP1IC
127
0051h
UART0 Transmit Interrupt Control Register S0TIC
127
0052h
UART0 Receive Interrupt Control Register
S0RIC
127
0053h
UART1 Transmit Interrupt Control Register S1TIC
127
0054h
UART1 Receive Interrupt Control Register
S1RIC
127
0055h
INT2 Interrupt Control Register
INT2IC
129
0056h
Timer RA Interrupt Control Register
TRAIC
127
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
127
0059h
INT1 Interrupt Control Register
INT1IC
129
005Ah
INT3 Interrupt Control Register
INT3IC
129
005Bh
Timer RF Interrupt Control Register
TRFIC
127
005Ch
Compare 0 Interrupt Control Register
CMP0IC
127
005Dh
INT0 Interrupt Control Register
INT0IC
129
005Eh
A/D Conversion Interrupt Control Register
ADIC
127
005Fh
Capture Interrupt Control Register
CAPIC
127
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com