Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C80 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M32C80
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C80 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M32C80 Datasheet HTML 17Page - Renesas Technology Corp M32C80 Datasheet HTML 18Page - Renesas Technology Corp M32C80 Datasheet HTML 19Page - Renesas Technology Corp M32C80 Datasheet HTML 20Page - Renesas Technology Corp M32C80 Datasheet HTML 21Page - Renesas Technology Corp M32C80 Datasheet HTML 22Page - Renesas Technology Corp M32C80 Datasheet HTML 23Page - Renesas Technology Corp M32C80 Datasheet HTML 24Page - Renesas Technology Corp M32C80 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 352 page
background image
0
3
3
f
o
5
0
0
2
,
1
0
.
v
o
N
0
0
.
1
.
v
e
R
0
0
1
0
-
1
7
2
0
B
9
0
J
E
R
1. Overview
page 2
p
u
o
r
G
0
8
/
C
2
3
M
1.2 Performance Overview
Table 1.1 lists performance overview of the M32C/80 Group.
Table 1.1 M32C/80 Group Performance
Item
Performance
CPU
Basic Instructions
108 instructions
Minimum Instruction Execution Time
31.3 ns ( f(BCLK)=32 MHz, VCC1=4.2 to 5.5 V )
41.7 ns ( f(BCLK)=24 MHz, VCC1=3.0 to 5.5 V )
Operating Mode
Single-chip mode, Memory expansion mode, Microprocessor mode
Memory Space
16 Mbytes
Memory Capacity
See Table 1.2
Peripheral I/O Port
47 I/O pins (when using 16-bit bus) and 1 input pin
function Multifunction Timer
Timer A: 16 bits x 5 channels, Timer B: 16 bits x 6 channels
Three-phase motor control circuit
Intelligent I/O Communication Function
2 channels
Serial I/O
5 channels
Clock synchronous serial I/O, Clock asynchronous serial I/O,
IEBus(1), I2C Bus(2)
A/D Converter
10-bit A/D converter: 1 circuit, 10 channels
D/A Converter
8 bits x 2 channels
DMAC
4 channels
DMAC II
Can be activated by all peripheral function interrupt sources
Immediate transfer, operation and chain transfer function
CRC Calculation Circuit
CRC-CCITT
X/Y Converter
16 bits x 16 bits
Watchdog Timer
15 bits x 1 channel (with prescaler)
Interrupt
34 internal sources and 8 external sources, 5 software sources
Interrupt priority level: 7
Clock Generation Circuit
4 circuits
Main Clock oscillation circuit (*), Sub clock oscillation circuit (*),
On-chip oscillator, PLL frequency synthesizer
(*)Equipped with a built-in feedback resistor
Oscillation Stop Detect Function
Main clock oscillation stop detect circuit
Electrical Supply Voltage
VCC1=4.2 to 5.5 V, VCC2=3.0 to VCC1 (f(BCLK)=32 MHz)
Charact-
VCC1=3.0 to 5.5 V, VCC2=3.0 to VCC1 (f(BCLK)=24 MHz)
eristics
Power Consumption
22 mA (VCC1=VCC2=5 V, f(BCLK)=32 MHz)
17 mA (VCC1=VCC2=3.3 V, f(BCLK)=24 MHz)
10
µA (VCC1=VCC2=3.3 V, f(BCLK)=32 kHz, in wait mode)
Operating AmbientTemperature
–20 to 85oC, –40 to 85oC(optional)
Package
100-pin plastic molded LQFP/QFP
NOTES:
1. IEBus is a trademark of NEC Electronics Corporation.
2. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
All options are on a request basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com