Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C83 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M32C83
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  527 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C83 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M32C83 Datasheet HTML 17Page - Renesas Technology Corp M32C83 Datasheet HTML 18Page - Renesas Technology Corp M32C83 Datasheet HTML 19Page - Renesas Technology Corp M32C83 Datasheet HTML 20Page - Renesas Technology Corp M32C83 Datasheet HTML 21Page - Renesas Technology Corp M32C83 Datasheet HTML 22Page - Renesas Technology Corp M32C83 Datasheet HTML 23Page - Renesas Technology Corp M32C83 Datasheet HTML 24Page - Renesas Technology Corp M32C83 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 527 page
background image
B-8
Quick Reference by Address
Address
Register
Page
02F016
02F116
02F216
02F316
02F416 UART4 Special Mode Register 4 (U4SMR4)
180
02F516 UART4 Special Mode Register 3 (U4SMR3)
179
02F616 UART4 Special Mode Register 2 (U4SMR2)
178
02F716 UART4 Special Mode Register (U4SMR)
177
02F816 UART4 Transmit/Receive Mode Register (U4MR)
175
02F916 UART4 Baud Rate Register (U4BRG)
02FA16
UART4 Transmit Buffer Register (U4TB)
174
02FB16
02FC16 UART4 Transmit/Receive Control Register 0 (U4C0)
176
02FD16 UART4 Transmit/Receive Control Register 1 (U4C1)
177
02FE16
UART4 Receive Buffer Register (U4RB)
174
02FF16
030016 Timer B3,B4,B5 Count Start Flag (TBSR)
154
030116
030216
Timer A1-1 Register (TA11)
030316
030416
Timer A2-1 Register (TA21)
167
030516
030616
Timer A4-1 Register (TA41)
030716
030816 Three-Phase PWM Control Register 0 (INVC0)
164
030916 Three-Phase PWM Control Register 1 (INVC1)
165
030A16 Three-Phase Output Buffer Register 0 (IDB0)
030B16 Three-Phase Output Buffer Register 1 (IDB1)
166
030C16 Dead Time Timer (DTT)
030D16 Timer B2 Interrupt Generation Frequency Set Counter (ICTB2)
167
030E16
030F16
031016
Timer B3 Register (TB3)
031116
031216
Timer B4 Register (TB4)
152
031316
031416
Timer B5 Register (TB5)
031516
031616
031716
031816
031916
031A16
031B16 Timer B3 Mode Register (TB3MR)
031C16 Timer B4 Mode Register (TB4MR)
153
031D16 Timer B5 Mode Register (TB5MR)
031E16
031F16 External Interrupt Cause Select Register (IFSR)
105
Address
Register
Page
032016
032116
032216
032316
032416 UART3 Special Mode Register 4 (U3SMR4)
180
032516 UART3 Special Mode Register 3 (U3SMR3)
179
032616 UART3 Special Mode Register 2 (U3SMR2)
178
032716 UART3 Special Mode Register (U3SMR)
177
032816 UART3 Transmit/Receive Mode Register (U3MR)
175
032916
UART3 Baud Rate Register (U3BRG)
032A16
UART3 Transmit Buffer Register (U3TB)
174
032B16
032C16 UART3 Transmit/Receive Control Register 0 (U3C0)
176
032D16 UART3 Transmit/Receive Control Register 1 (U3C1)
177
032E16
UART3 Receive Buffer Register (U3RB)
174
032F16
033016
033116
033216
033316
033416 UART2 Special Mode Register 4 (U2SMR4)
180
033516 UART2 Special Mode Register 3 (U2SMR3)
179
033616 UART2 Special Mode Register 2 (U2SMR2)
178
033716 UART2 Special Mode Register (U2SMR)
177
033816 UART2 Transmit/Receive Mode Register (U2MR)
175
033916 UART2 Baud Rate Register (U2BRG)
033A16
UART2 Transmit Buffer Register (U2TB)
174
033B16
033C16 UART2 Transmit/Receive Control Register 0 (U2C0)
176
033D16 UART2 Transmit/Receive Control Register 1 (U2C1)
177
033E16
UART2 Receive Buffer Register (U2RB)
174
033F16
034016 Count Start Flag (TABSR)
137
034116 Clock Prescaler Reset Flag (CPSRF)
71
034216 One-Shot Start Flag (ONSF)
138
034316 Trigger Select Register (TRGSR)
139
034416 Up-Down Flag (UDF)
138
034516
034616
Timer A0 Register (TA0)
034716
034816
Timer A1 Register (TA1)
034916
034A16
Timer A2 Register (TA2)
136
034B16
034C16
Timer A3 Register (TA3)
034D16
034E16
Timer A4 Register (TA4)
034F16
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com