Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C87 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M32C87
Description  MCU M16C FAMILY / M32C/80 SERIES
PDF  627 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C87 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M32C87 Datasheet HTML 69Page - Renesas Technology Corp M32C87 Datasheet HTML 70Page - Renesas Technology Corp M32C87 Datasheet HTML 71Page - Renesas Technology Corp M32C87 Datasheet HTML 72Page - Renesas Technology Corp M32C87 Datasheet HTML 73Page - Renesas Technology Corp M32C87 Datasheet HTML 74Page - Renesas Technology Corp M32C87 Datasheet HTML 75Page - Renesas Technology Corp M32C87 Datasheet HTML 76Page - Renesas Technology Corp M32C87 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 627 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
6. Power Supply Voltage Detection Function
REJ09B0180-0151 Rev.1.51 Jul 31, 2008
Page 51 of 587
6.
Power Supply Voltage Detection Function
The power supply voltage detection function has the Vdet3 detection function, Vdet4 detection function, and cold
start/warm start determination function. The Vdet3 detection function and Vdet4 detection function detect the changes
in voltage and trigger the events. The cold start/warm start determination function determines whether the MCU is
reset at power-on or reset while running.
The power supply voltage detection function is available only with VCC1 = 4.2V to 5.5V standard.
Figure 6.1 shows a block diagram of the voltage detection circuit. Figures 6.2 to 6.4 show registers associated with the
voltage detection function.
Figure 6.1
Power Supply Voltage Detection Function Block Diagram
CPU clock
1/2
Digital filter
Watchdog timer
interrupt signal
Vdet4 detection
interrupt signal
Oscillation stop
detection
interrupt signal
Watchdog timer
interrupt request
Vdet3 detection function
00b
01b
10b
11b
DF1 to DF0
1/2
1/2
1/8
(rejection range: 200 ns)
D40
D42 bit
CM10: bit in the CM1 register
VC13: bit in the VCR1 register
VC26, VC27: bits in the VCR2 register
DF1 and DF0, D40, D41, D42: bits in the D4INT register
WDC5: bit in the WDC register
NOTE:
1. When the VC27 bit in the VCR2 register is set to 0 (Vdet4 detection function not used), the Vdet4 detection signal becomes “H”.
WDC5
S
R
Q
Write a given value to
the WDC register
COLD/WARM
(Cold start, warm start)
Hardware reset 1
at power-on
E
1 shot
T
Analog Filter
Internal reset signal
(active “L”)
Wait time to release hardware reset 2:
td(S-R)
Q
VCC1
VC26
VC27
Vdet4 detection signal(1)
E
+
VC13
Cold start/warm start determination function
Vdet4 detection function
CM10
Latch
CM10
WAIT instruction (wait mode)
D41
≥
Vdet3
≥
Vdet3
Output one-shot pulse when the
D42 bit becomes 0 to 1.
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com