Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C87B Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M32C87B
Description  MCU M16C FAMILY / M32C/80 SERIES
PDF  627 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C87B Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M32C87B Datasheet HTML 17Page - Renesas Technology Corp M32C87B Datasheet HTML 18Page - Renesas Technology Corp M32C87B Datasheet HTML 19Page - Renesas Technology Corp M32C87B Datasheet HTML 20Page - Renesas Technology Corp M32C87B Datasheet HTML 21Page - Renesas Technology Corp M32C87B Datasheet HTML 22Page - Renesas Technology Corp M32C87B Datasheet HTML 23Page - Renesas Technology Corp M32C87B Datasheet HTML 24Page - Renesas Technology Corp M32C87B Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 627 page
background image
B - 6
Blank spaces are reserved. No access is allowed.
Blank spaces are reserved. No access is allowed
Address
Register
Symbol
Page
0320h
0321h
0322h
0323h
0324h
UART3 Special Mode Register 4
U3SMR4
220
0325h
UART3 Special Mode Register 3
U3SMR3
219
0326h
UART3 Special Mode Register 2
U3SMR2
218
0327h
UART3 Special Mode Register
U3SMR
217
0328h
UART3 Transmit/Receive Mode Register
U3MR
216
0329h
UART3 Baud Rate Register
U3BRG
222
032Ah
UART3 Transmit Buffer Register
U3TB
224
032Bh
032Ch
UART3 Transmit/Receive Control Register 0
U3C0
221
032Dh
UART3 Transmit/Receive Control Register 1
U3C1
222
032Eh
UART3 Receive Buffer Register
U3RB
224
032Fh
0330h
0331h
0332h
0333h
0334h
UART2 Special Mode Register 4
U2SMR4
220
0335h
UART2 Special Mode Register 3
U2SMR3
219
0336h
UART2 Special Mode Register 2
U2SMR2
218
0337h
UART2 Special Mode Register
U2SMR
217
0338h
UART2 Transmit/Receive Mode Register
U2MR
216
0339h
UART2 Baud Rate Register
U2BRG
222
033Ah
UART2 Transmit Buffer Register
U2TB
224
033Bh
033Ch
UART2 Transmit/Receive Control Register 0
U2C0
221
033Dh
UART2 Transmit/Receive Control Register 1
U2C1
222
033Eh
UART2 Receive Buffer Register
U2RB
224
033Fh
0340h
Count Start Register
TABSR
170, 189,
206
0341h
Clock Prescaler Reset Register
CPSRF
88
0342h
One-Shot Start Register
ONSF
171
0343h
Trigger Select Register
TRGSR
169, 202
0344h
Up/Down Select Register
UDF
168
0345h
0346h
Timer A0 Register
TA0
167
0347h
0348h
Timer A1 Register
TA1
167, 205
0349h
034Ah
Timer A2 Register
TA2
167, 205
034Bh
044Ch
Timer A3 Register
TA3
167
034Dh
034Eh
Timer A4 Register
TA4
167, 205
034Fh
0350h
Timer B0 Register
TB0
188
0351h
0352h
Timer B1 Register
TB1
188
0353h
0354h
Timer B2 Register
TB2
188, 204
0355h
0356h
Timer A0 Mode Register
TA0MR
163, 164,
165, 166
0357h
Timer A1 Mode Register
TA1MR
0358h
Timer A2 Mode Register
TA2MR
0359h
Timer A3 Mode Register
TA3MR
035Ah
Timer A4 Mode Register
TA4MR
035Bh
Timer B0 Mode Register
TB0MR
185, 186,
187
035Ch
Timer B1 Mode Register
TB1MR
035Dh
Timer B2 Mode Register
TB2MR
035Eh
Timer B2 Special Mode Register
TB2SC
203
035Fh
Count Source Prescaler Register
TCSPR
88, 162
0360h
0361h
0362h
0363h
0364h
UART0 Special Mode Register 4
U0SMR4
220
0365h
UART0 Special Mode Register 3
U0SMR3
219
0366h
UART0 Special Mode Register 2
U0SMR2
218
0367h
UART0 Special Mode Register
U0SMR
217
0368h
UART0 Transmit/Receive Mode Register
U0MR
216
0369h
UART0 Baud Rate Register
U0BRG
222
036Ah
UART0 Transmit Buffer Register
U0TB
224
036Bh
036Ch
UART0 Transmit/Receive Control Register 0
U0C0
221
036Dh
UART0 Transmit/Receive Control Register 1
U0C1
222
036Eh
UART0 Receive Buffer Register
U0RB
224
036Fh
Address
Register
Symbol
Page
0370h
0371h
0372h
IrDA Control Register
IRCON
270
0373h
0374h
0375h
0376h
0377h
0378h
DMA0 Request Source Select Register
DM0SL
140
0379h
DMA1 Request Source Select Register
DM1SL
037Ah
DMA2 Request Source Select Register
DM2SL
037Bh
DMA3 Request Source Select Register
DM3SL
037Ch
CRC Data Register
CRCD
316
037Dh
037Eh
CRC Input Register
CRCIN
316
037Fh
0380h
A/D0 Register 0
AD00
299
0381h
0382h
A/D0 Register 1
AD01
0383h
0384h
A/D0 Register 2
AD02
0385h
0386h
A/D0 Register 3
AD03
0387h
0388h
A/D0 Register 4
AD04
0389h
038Ah
A/D0 Register 5
AD05
038Bh
038Ch
A/D0 Register 6
AD06
038Dh
038Eh
A/D0 Register 7
AD07
038Fh
0390h
0391h
0392h
A/D0 Control Register 4
AD0CON4
299
0393h
0394h
A/D0 Control Register 2
AD0CON2
297
0395h
A/D0 Control Register 3
AD0CON3
298
0396h
A/D0 Control Register 0
AD0CON0
295
0397h
A/D0 Control Register 1
AD0CON1
296
0398h
D/A Register 0
DA0
314
0399h
039Ah
D/A Register 1
DA1
314
039Bh
039Ch
D/A Control Register
DACON
314
039Dh
D/A Control Register 1
DACON1
314
039Eh
039Fh
03A0h
Function Select Register A8
PS8
472
03A1h
Function Select Register A9
PS9
03A2h
03A3h
Function Select Register B9
PSL9
476
03A4h
Function Select Register E2
PSE2
480
03A5h
03A6h
03A7h
Function Select Register D1
PSD1
479
03A8h
Function Select Register D2
PSD2
03A9h
03AAh
Function Select Register C6
PSC6
478
03ABh
Function Select Register E1
PSE1
480
03ACh
Function Select Register C2
PSC2
477
03ADh
Function Select Register C3
PSC3
478
03AEh
03AFh
Function Select Register C
PSC
477
03B0h
Function Select Register A0
PS0
468
03B1h
Function Select Register A1
PS1
03B2h
Function Select Register B0
PSL0
473
03B3h
Function Select Register B1
PSL1
03B4h
Function Select Register A2
PS2
469
03B5h
Function Select Register A3
PS3
03B6h
Function Select Register B2
PSL2
474
03B7h
Function Select Register B3
PSL3
03B8h
Function Select Register A4
PS4
470
03B9h
Function Select Register A5
PS5
03BAh
03BBh
Function Select Register B5
PSL5
475
03BCh
Function Select Register A6
PS6
471
03BDh
Function Select Register A7
PS7
471
03BEh
Function Select Register B6
PSL6
475
03BFh
Function Select Register B7
PSL7
476
Special Function Register (SFR) Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com