Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C88 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M32C88
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  461 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C88 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M32C88 Datasheet HTML 69Page - Renesas Technology Corp M32C88 Datasheet HTML 70Page - Renesas Technology Corp M32C88 Datasheet HTML 71Page - Renesas Technology Corp M32C88 Datasheet HTML 72Page - Renesas Technology Corp M32C88 Datasheet HTML 73Page - Renesas Technology Corp M32C88 Datasheet HTML 74Page - Renesas Technology Corp M32C88 Datasheet HTML 75Page - Renesas Technology Corp M32C88 Datasheet HTML 76Page - Renesas Technology Corp M32C88 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 461 page
background image
Page 50
5
3
4
f
o
5
0
0
2
,
8
1
.
t
c
O
0
1
.
1
.
v
e
R
0
1
1
0
-
2
6
1
0
B
9
0
J
E
R
7. Processor Mode
)
T
8
8
/
C
2
3
M
(
p
u
o
r
G
8
8
/
C
2
3
M
7. Processor Mode
NOTE
Use M32C/88T in single-chip mode only.
M32C/88T cannot be used in memory expansion mode and microprocessor mode.
7.1 Types of Processor Mode
Only single-chip mode can be selected as a processor mode. SFRs, internal RAM, and internal ROM can
be accessed. All pins are assigned to input/output ports or peripheral function input/output ports.
7.2 Setting of Processor Mode
The CNVSS pin and the PM01 and PM00 bits in the PM0 register determine which processor mode is
selected. Apply an low-level ("L") signal to the CNVSS pin. Set the PM01 and PM00 bits to "002" (single-
chip mode).
Figures 7.1 and 7.2 show the PM0 register and PM1 register. Figure 7.3 shows a memory map in single-
chip mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com