Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F211B3DD Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F211B3DD
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B3DD Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F211B3DD Datasheet HTML 5Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 6Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 7Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 8Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 9Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 10Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 11Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 12Page - Renesas Technology Corp R5F211B3DD Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 339 page
background image
A - 2
4.
Special Function Registers (SFRs)
20
5.
Programmable I/O Ports
24
5.1
Functions of Programmable I/O Ports .......................................................24
5.2
Effect on Peripheral Functions ..................................................................24
5.3
Pins Other than Programmable I/O Ports..................................................24
5.4
Port Settings..............................................................................................32
5.5
Unassigned Pin Handling ..........................................................................37
6.
Resets
38
6.1
Hardware Reset ........................................................................................40
6.1.1
When Power Supply is Stable ............................................................40
6.1.2
Power On............................................................................................40
6.2
Power-On Reset Function .........................................................................42
6.3
Voltage Monitor 1 Reset ...........................................................................43
6.4
Voltage Monitor 2 Reset............................................................................43
6.5
Watchdog Timer Reset..............................................................................43
6.6
Software Reset..........................................................................................43
7.
Voltage Detection Circuit
44
7.1
VCC Input Voltage.....................................................................................50
7.1.1
Monitoring Vdet1 ................................................................................50
7.1.2
Monitoring Vdet2 ................................................................................50
7.1.3
Digital Filter.........................................................................................50
7.2
Voltage Monitor 1 Reset............................................................................52
7.3
Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset .........................53
8.
Processor Mode
55
8.1
Processor Modes ......................................................................................55
9.
Bus
57
10. Clock Generation Circuit
58
10.1
Main Clock.................................................................................................65
10.2
On-Chip Oscillator Clocks .........................................................................66
10.2.1
Low-Speed On-Chip Oscillator Clock .................................................66
10.2.2
High-Speed On-Chip Oscillator Clock ................................................66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com