Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7211 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7211
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7211 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7211 Datasheet HTML 82Page - Renesas Technology Corp SH7211 Datasheet HTML 83Page - Renesas Technology Corp SH7211 Datasheet HTML 84Page - Renesas Technology Corp SH7211 Datasheet HTML 85Page - Renesas Technology Corp SH7211 Datasheet HTML 86Page - Renesas Technology Corp SH7211 Datasheet HTML 87Page - Renesas Technology Corp SH7211 Datasheet HTML 88Page - Renesas Technology Corp SH7211 Datasheet HTML 89Page - Renesas Technology Corp SH7211 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1228 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 May. 08, 2008 Page 62 of 1200
REJ09B0344-0200
[Legend]
Frequency control register
MTU2S clock frequency control register
AD clock frequency control register
Standby control register
Standby control register 2
Standby control register 3
Standby control register 4
FRQCR:
MCLKCR:
ACLKCR:
STBCR:
STBCR2:
STBCR3:
STBCR4:
FRQCR
MCLKCR
ACLKCR
STBCR
STBCR2
STBCR3
STBCR4
Bus interface
MD_CLK2
MD_CLK0
CPG control unit
Clock frequency
control circuit
Standby control circuit
CK
EXTAL
XTAL
PLL circuit 1
(
×1, 2, 4)
PLL circuit 2
(
×4)
Divider 1
MTU2S clock
(M
φ, Max. 80 MHz)
AD clock
(A
φ, Max. 40 MHz)
Internal clock
(I
φ, Max. 160 MHz)
Peripheral clock
(P
φ, Max. 40 MHz)
Bus clock
(B
φ = CK, Max. 40 MHz)
Crystal
oscillator
On-chip oscillator
HPB bus
×1
×1/2
×1/4
×1/8
Figure 4.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com