Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F211B2NP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # R5F211B2NP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2NP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button R5F211B2NP Datasheet HTML 54Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 55Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 56Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 57Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 58Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 59Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 60Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 61Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 339 page
background image
R8C/1A Group, R8C/1B Group
6. Resets
Rev.1.30
Dec 08, 2006
Page 42 of 315
REJ09B0252-0130
6.2
Power-On Reset Function
When the RESET pin is connected to the VCC pin via a pull-up resistor of about 5 k
Ω, and the VCC pin voltage
level rises, the power-on reset function is enabled and the MCU resets its pins, CPU, and SFR. When a capacitor is
connected to the RESET pin, always keep the voltage to the RESET pin 0.8VCC or more.
When the input voltage to the VCC pin reaches the Vdet1 level or above, the low-speed on-chip oscillator clock
starts counting. When the low-speed on-chip oscillator clock count reaches 32, the internal reset signal is held “H”
and the MCU enters the reset sequence (refer to Figure 6.3). The low-speed on-chip oscillator clock divide by 8 is
automatically selected as the CPU after reset.
Refer to 4. Special Function Registers (SFRs) for the status of the SFR after power-on reset.
The voltage monitor 1 reset is enabled after power-on reset.
Figure 6.6 shows an Example of Power-On Reset Circuit and Operation.
Figure 6.6
Example of Power-On Reset Circuit and Operation
NOTES:
1. The supply voltage must be held within the MCU’s operating voltage range (Vccmin or above) over the sampling time.
2. A sampling clock can be selected. Refer to 7. Voltage Detection Circuit for details.
3. Vdet1 indicates voltage detection level for the voltage detection 1 circuit. Refer to 7. Voltage Detection Circuit for details.
4. Refer to 19. Electrical Characteristics.
Vdet1(3)
Vpor1
Internal reset signal
(active “L”)
tw(por1)
tw(Vpor1–Vdet1)
Sampling time(1, 2)
Vdet1(3)
1
fRING-S
× 32
1
fRING-S
× 32
Vpor2
Vccmin
tw(por2) tw(Vpor2–Vdet1)
RESET
VCC
About
5 k
Ω
VCC
RESET
0.1 V to 2.7 V
0 V
0.8 VCC or above
within td(P-R)
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com