Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F38004 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F38004
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F38004 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F38004 Datasheet HTML 5Page - Renesas Technology Corp HD64F38004 Datasheet HTML 6Page - Renesas Technology Corp HD64F38004 Datasheet HTML 7Page - Renesas Technology Corp HD64F38004 Datasheet HTML 8Page - Renesas Technology Corp HD64F38004 Datasheet HTML 9Page - Renesas Technology Corp HD64F38004 Datasheet HTML 10Page - Renesas Technology Corp HD64F38004 Datasheet HTML 11Page - Renesas Technology Corp HD64F38004 Datasheet HTML 12Page - Renesas Technology Corp HD64F38004 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page ix of l
Main Revisions and Additions in this Edition
Item
Page
Revisions (See Manual for Details)
All
H8/38002S added
Preface
v
Table amended
H8/3802 Group
H8/38004 Group
H8/38002S
Group
H8/38104 Group
Item
ZTAT
Mask ROM Flash ROM Mask ROM
Mask ROM Flash ROM Mask ROM
Memory
ROM
16 k
8 k to 16 k
16 k/32 k
32 k
8 k to 16 k
16 k/32 k
8 k to 32 k
RAM
1 k
512 or 1 k
1 k
1 k
512 k
1 k
512 or 1 k
4.5 to 5.5 V
16 MHz
16 MHz
—
16 MHz
—
20 MHz
20 MHz
2.7 to 5.5 V
10 MHz
10 MHz
—
16 MHz
—
20 MHz
20 MHz
1.8 to 5.5 V
4 MHz
4 MHz
—
—
—
—
—
2.7 to 3.6 V
—
—
10 MHz
—
10 MHz
—
—
Operating
voltage
and
operating
frequency
1.8 to 3.6 V
—
—
4 MHz (2.2 V
or more)
—4
—
—
I/O ports
Input
9
9
9
9
9
9
9
Output
66
6
5
65
5
I/O
39
39
39
39
39
39
39
Timers
Clock (timer A)
1
1
1
1
1
1
1
Compare (timer F)
1
1
1
1
1
1
1
AEC
11
1
1
11
1
WDT
1
1
WDT (discrete)
1
1
1
SCI
UART/Clock
frequency
1 ch
1 ch
1 ch
1 ch
1 ch
1 ch
1 ch
A-D (resolution
× input
input channels)
10 bit
×
×
×
4 ch 10 bit
4 ch 10 bit
4 ch 10 bit
4 ch 10 bit
4 ch 10 bit
4 ch 10 bit
4 ch
LCD
seg
25
25
25
25
25
25
25
com
4
44
44
44
External interrupt
(internal wakeup)
11(8)
11(8)
11(8)
11(8)
11(8)
11(8)
11(8)
POR
(
power-on
—————
1
1
LVD
—————
1
1
Package
FP-64A
FP-64A
FP-64A
FP-64A
FP-64A
FP-64A
FP-64A
FP-64E
FP-64E
FP-64E
FP-64E
FP-64K*
FP-64E
FP-64E
DP-64S
DP-64S
die
die
Operating temperature
Standard specifications: –20 to 75 C, WTR: –40 to 85 C
reset)
××
×
×
MHz
Note: * Under development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com