Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW80NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW80NF10
Description  N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STW80NF10 Datasheet HTML 1Page - STMicroelectronics STW80NF10 Datasheet HTML 2Page - STMicroelectronics STW80NF10 Datasheet HTML 3Page - STMicroelectronics STW80NF10 Datasheet HTML 4Page - STMicroelectronics STW80NF10 Datasheet HTML 5Page - STMicroelectronics STW80NF10 Datasheet HTML 6Page - STMicroelectronics STW80NF10 Datasheet HTML 7Page - STMicroelectronics STW80NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2001
STW80NF10
N-CHANNEL 100V - 0.012
Ω - 80A TO-247
LOW GATE CHARGE STripFET™ POWER MOSFET
(1) ISD ≤80A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25°C, ID = 80A, VDD = 50V
s
TYPICAL RDS(on) = 0.012Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet series realized with STMicro-
electronics unique STripFET process has specifical-
ly been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters for Telecom and Computer application. It
is also intended for any application with low gate
charge drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
(*) Limited by wire bonding
TYPE
VDSS
RDS(on)
ID
STW80NF10
100 V
< 0.015
Ω
80 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
±20
V
ID (*)
Drain Current (continuos) at TC = 25°C
80
A
ID
Drain Current (continuos) at TC = 100°C
50
A
IDM (q)
Drain Current (pulsed)
320
A
PTOT
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
9
V/ns
EAS (2)
Single Pulse Avalanche Energy
245
mJ
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
TO-247
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW80NF10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW80NF10 ISC-STW80NF10 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW80NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB40NF10 STMICROELECTRONICS-STB40NF10 Datasheet
48Kb / 6P
N - CHANNEL 100V - 0.030W - 40ohm TO-263 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STD25NF10 STMICROELECTRONICS-STD25NF10 Datasheet
437Kb / 9P
N-CHANNEL 100V - 0.033ohm - 25A DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
May-2002
STP24NF10 STMICROELECTRONICS-STP24NF10 Datasheet
48Kb / 6P
N - CHANNEL 100V - 0.07ohm - 24A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002
STP80NF10 STMICROELECTRONICS-STP80NF10 Datasheet
334Kb / 9P
N-CHANNEL 100V - 0.012ohm - 80A TO-220/TO-220FP LOW GATE CHARGE STripFET™ I POWER MOSFET
Sep-2002
STW80NE06-10 STMICROELECTRONICS-STW80NE06-10 Datasheet
82Kb / 8P
N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
Jul-1998
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET™ POWER MOSFET
Sep-2002
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STL8NH3LL STMICROELECTRONICS-STL8NH3LL_06 Datasheet
285Kb / 12P
N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
14-Mar-2006
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com