Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2633R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD64F2633R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2633R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD64F2633R Datasheet HTML 5Page - Renesas Technology Corp HD64F2633R Datasheet HTML 6Page - Renesas Technology Corp HD64F2633R Datasheet HTML 7Page - Renesas Technology Corp HD64F2633R Datasheet HTML 8Page - Renesas Technology Corp HD64F2633R Datasheet HTML 9Page - Renesas Technology Corp HD64F2633R Datasheet HTML 10Page - Renesas Technology Corp HD64F2633R Datasheet HTML 11Page - Renesas Technology Corp HD64F2633R Datasheet HTML 12Page - Renesas Technology Corp HD64F2633R Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page ix of lxii
H8S/2633 Group
H8S/2633R Group
H8S/2633F-ZTAT
H8S/2633
H8S/2632
H8S/2631
H8S/2633RF-ZTAT
H8S/2695
Method of
fixing OSC
pin when
32 kHz
oscillator
not used
OSC1
OSC2
Open
VCC power supply
OSC1
OSC2
Open
GND
No 32 kHz
oscillator.
The HD6432695 is
the HD6432633.
The pins
corresponding to
OSC1 and OSC2 in
the HD64F2633 are
NC pins in the
HD6432695.
Properties
of multi-
use pins
(pins 34
and 35)
Output of pins 34 and 35 is normally NMOS push-pull output, but is NMOS open-drain output
when the IIC bus drive function is selected.
No IIC function.
Pins 34 and 35
output is CMOS
output.
Recom-
mended
external
PLL circuit
See section 23A, Clock Oscillator (H8S/2633, H8S/2632, H8S/2631,
H8S/2633F).
See section 23B, Clock Oscillator
(H8S/2633R, H8S/2695).
PC break
controller
(PBC)
Yes
No
DRAM
interface
Yes
No
DMA
controller
(DMAC)
Yes
No
Data
transfer
controller
(DTC)
Yes
No
I/O ports
Functions of H8S/2633, H8S/2632, H8S/2631, H8S/2633F, and H8S/2633R are identical.
See section 10A, I/O Ports, for details.
Some functions of
the H8S/2633
Group have been
eliminated. See
section 10B, I/O
Ports, for details.
Program-
mable
pulse
generator
(PPG)
Yes
No
8-bit timer
(TMR)
Yes
No
14-bit
PWM
timer
Yes
No
WDTI
Yes
No
IrDA
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com