Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7618 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7618 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7618 Datasheet HTML 82Page - Renesas Technology Corp SH7618 Datasheet HTML 83Page - Renesas Technology Corp SH7618 Datasheet HTML 84Page - Renesas Technology Corp SH7618 Datasheet HTML 85Page - Renesas Technology Corp SH7618 Datasheet HTML 86Page - Renesas Technology Corp SH7618 Datasheet HTML 87Page - Renesas Technology Corp SH7618 Datasheet HTML 88Page - Renesas Technology Corp SH7618 Datasheet HTML 89Page - Renesas Technology Corp SH7618 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 54 of 610
REJ09B0131-0600
3.3
Operation
3.3.1
Searching Cache
If the cache is enabled (the CE bit in CCR1 is set to 1), whenever an instruction or data in
H'00000000 to H'7FFFFFFF, H'8000000 to H'9FFFFFFF, and H'C0000000 to H'DFFFFFFF is
accessed, the cache will be searched to see if the desired instruction or data is in the cache. Figure
3.2 illustrates the method by which the cache is searched.
Entries are selected using bits 9 to 4 (bits 11 to 4 for the SH7618A) of the memory access address
and the tag address of that entry is read. The address comparison is performed on all four ways.
When the comparison shows a match and the selected entry is valid (V = 1), a cache hit occurs.
When the comparison does not show a match or the selected entry is not valid (V = 0), a cache
miss occurs. Figure 3.2 shows a hit on way 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com