Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7619 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7619
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
PDF  836 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7619 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7619 Datasheet HTML 35Page - Renesas Technology Corp SH7619 Datasheet HTML 36Page - Renesas Technology Corp SH7619 Datasheet HTML 37Page - Renesas Technology Corp SH7619 Datasheet HTML 38Page - Renesas Technology Corp SH7619 Datasheet HTML 39Page - Renesas Technology Corp SH7619 Datasheet HTML 40Page - Renesas Technology Corp SH7619 Datasheet HTML 41Page - Renesas Technology Corp SH7619 Datasheet HTML 42Page - Renesas Technology Corp SH7619 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 836 page
background image
Section 1 Overview
Rev. 5.00 Mar. 15, 2007 Page 1 of 794
REJ09B0237-0500
Section 1 Overview
This LSI is a CMOS single-chip microcontroller that integrates a Renesas Technology original
RISC (Reduced Instruction Set Computer) CPU core with peripheral functions required for an
Ethernet system.
The CPU of this LSI has a RISC (Reduced Instruction Set Computer) type instruction set. The
CPU basically operates at a rate of one instruction per cycle, offering a great improvement in
instruction execution speed. In addition, the 32-bit internal architecture provides improved data
processing power. With this CPU, it has become possible to assemble low-cost and high-
performance/high-functionality systems even for applications such as realtime control, which
could not previously be handled by microcontrollers because of their high-speed processing
requirements.
This LSI is equipped with an Ethernet controller that includes a media access controller (MAC)
conforming to the IEEE802.3u standard and a physical layer transceiver (PHY), enabling 10/100
Mbps LAN connection. As the equipped Ethernet controller also includes a media independent
interface (MII) standard unit, a PHY LSI can be externally connected.
In addition, this LSI provides on-chip peripheral functions necessary for system configuration,
such as cache memory, RAM, a direct memory access controller (DMAC), timers, a serial
communication interface with FIFO (SCIF), a serial IO with FIFO (SIOF), a host interface (HFI),
an interrupt controller (INTC), and I/O ports.
The external memory access support function of this LSI enables direct connection to various
types of memory, such as standard memory, SDRAM, and PCMCIA. This greatly reduces system
cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com