Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7672 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 35Page - Renesas Technology Corp SH7672 Datasheet HTML 36Page - Renesas Technology Corp SH7672 Datasheet HTML 37Page - Renesas Technology Corp SH7672 Datasheet HTML 38Page - Renesas Technology Corp SH7672 Datasheet HTML 39Page - Renesas Technology Corp SH7672 Datasheet HTML 40Page - Renesas Technology Corp SH7672 Datasheet HTML 41Page - Renesas Technology Corp SH7672 Datasheet HTML 42Page - Renesas Technology Corp SH7672 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1292 page
background image
Section 1 Overview
Rev. 1.00 Nov. 14, 2007 Page 13 of 1262
REJ09B0437-0100
1.5
Block Diagram
T.B.D
Figure 1.2 Block Diagram
1.6
Pin Assignments
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
23456789
10
11
12
13
14
15
16
17
18
19
SH7673/SH7672/SH7671/SH7670
Top view
PA17/
A17
A00
PB04/
CE2A/
IRQ2/
DACK1
PB00/
WAIT/
SDA
PB06/
CS4
WE1/
DQMLU/
WE
D09
D12
D15
D05
D02
A16
A13
A10
A07
A04
CS3
RAS
CAS
PA18/
A18
PA20/
A20
PB05/
CS5/
CE1A/
IRQ3/
TEND1
PB02/
CE2B/
IRQ0
RD
PB07/
BS
D08
D10
D14
D06
D03
D00
A14
A11
A08
A05
A02
A01
CKE
HIFMD/
PA25/
A25
PA21/
A21
PA19/
A19
PB03/
CS6/
CE1B/
IRQ1/
DREQ1
PB01/
IOIS16/
SCL
CS0
WE0/
DQMLL
D11
D13
D07
D04
D01
A15
A12
A09
A06
A03
RDWR
CKIO
PC18/
LNKSTA
PA24/
A24
PA22/
A22
VssQ_14 Vss_07 VccQ_14 Vcc_07 VssQ_13 VccQ_13 VccQ_12
VssQ_12 Vcc_06
Vss_06 VccQ_11 VssQ_11 VssQ_10
WE3/
DQMUU/
ICIOWR
WE2/
DQMUL/
ICIORD
D25
PC17/
MDC
PC19/
EXOUT
PA23/
A23
VssQ_00
VssQ_09
D24
D26
D28
PC12/
TX_EN
PC13/
TX_CLK
PC20/
WOL
VccQ_00
VccQ_10
D27
D29
D30
PC06/
MII_TXD2
PC07/
MII_TXD3
PC16/
MDIO
Vss_00
VccQ_09
D31
D23
D22
PC15/
CRS
PC05/
MII_TXD1
PC11/
TX_ER
Vcc_00
VccQ_08 VccQ_07
D21
D20
PC10/
RX_CLK
PC14/
COL
PC04/
MII_TXD0
VssQ_01
VssQ_08 VssQ_07
D19
D18
PC08/
RX_DV
PC03/
MII_RXD3
PC09/
RX_ER
VccQ_01
Vcc_05
D17
D16
PF07/
ST0_D7/
SSIWS0
PC02/
MII_RXD2
PC01/
MII_RXD1
PC00/
MII_RXD0
VccQ_02
Vss_05
PF06/
ST0_D6/
SSIDATA0
PF05/
ST0_D5/
RTS0
PF04/
ST0_D4/
CTS0
TESTMD ASEMD
PD07/
IRQ7/
SDCLK
VssQ_02
VccQ_06
PF03/
ST0_D3/
SCK0
PF02/
ST0_D2/
RxD0
PF01/
ST0_D1/
TxD0
PD06/
IRQ6/
SDCMD
PD05/
IRQ5/
SDCD
PD04/
IRQ4/
SDWP
Vcc_01
VssQ_06
PF10/
ST0_SYC/
DACK0
PF09/
ST0_VLD/
DREQ0
PF00/
ST0_D0
PD03/
IRQ3/
SDDAT3
PD02/
IRQ2/
SDDAT2
PD01/
IRQ1/
SDDAT1
Vcc_02
Vcc_04
PF08/
ST0_REQ
ST0_
CLKIN/
SSISCK0
PF11/
ST0_PWM/
TEND0
PD00/
IRQ0/
SDDAT0
PG14/
HIFD14
PG15/
HIFD15
Vss_04
WDTOVF
ASEBRK/
ASEBRKAK
ST0_
VCO_
CLKIN
PG12/
HIFD12
PG13/
HIFD13
PG11/
HIFD11
Vss_01
VssQ_03
VssQ_02
VccQ_03
DG12
DV12
UV12
AV12
Vcc_03
Vss_03 VccQ_04 VccQ_05 VssQ_04 VssQ_05
MD_BW
NMI
Vcc(PLL)
PG10/
HIFD10
PG09/
HIFD09
PG05/
HIFD05
PG23/
HIFCS
PG22/
HIFRS
PG18/
HIFDREQ
PG19/
HIFINT
PG16/
HIFEBL
UG12
AG12
PE04/
ST1_D4/
CTS1
PE01/
ST1_D1/
TxD1
PE09/
ST1_VLD/
SCK2
ST1_VCO_
CLKIN/
AUDIO_CLK
TCK
TDI
MD_CK1
MD_CK0
EXTAL
PG08/
HIFD08
PG06/
HIFD06
PG04/
HIFD04
PG01/
HIFD01
PG21/
HIFWR
PG17/
HIFRDY
DG33
VBUS
AG33
PE06/
ST1_D6/
SSIDATA1
USB_X1
PE07/
ST1_D7/
SSIWS1
PE03/
ST1_D3/
SCK1
PE10/
ST1_SYC/
CTS2
PE11/
ST1_PWM/
RTS2
ST1_
CLKIN/
SSISCK1
RES
TDO
XTAL
PG07/
HIFD07
PG03/
HIFD03
PG02/
HIFD02
PG00/
HIFD00
PG20/
HIFRD
DV33
DM
DP
AV33
REFRIN USB_X2
PE05/
ST1_D5/
RTS1
PE02/
ST1_D2/
RxD1
PE00/
ST1_D0/
RxD2
PE08/
ST1_REQ/
TxD2
ST_
CLKOUT
TRST
TMS
Vss(PLL)
Y
20
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
VssQ
Figure 1.3 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com