Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG417
Description  Precision CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG417_08 Datasheet HTML 3Page - Vishay Siliconix DG417_08 Datasheet HTML 4Page - Vishay Siliconix DG417_08 Datasheet HTML 5Page - Vishay Siliconix DG417_08 Datasheet HTML 6Page - Vishay Siliconix DG417_08 Datasheet HTML 7Page - Vishay Siliconix DG417_08 Datasheet HTML 8Page - Vishay Siliconix DG417_08 Datasheet HTML 9Page - Vishay Siliconix DG417_08 Datasheet HTML 10Page - Vishay Siliconix DG417_08 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
www.vishay.com
9
Vishay Siliconix
DG417/418/419
TEST CIRCUITS
APPLICATIONS
Switched Signal Powers Analog Switch
The analog switch in Figure 10 derives power from its input
signal, provided the input signal amplitude exceeds 4 V and
its frequency exceeds 1 kHz.
This circuit is useful when signals have to be routed to either
of two remote loads. Only three conductors are required: one
for the signal to be switched, one for the control signal and a
common return.
A positive input pulse turns on the clamping diode D1 and
charges C1. The charge stored on C1 is used to power the
chip; operation is satisfactory because the switch requires
less than 1 µA of stand-by supply current. Loading of the
signal source is imperceptible. The DG419’s on-resistance is
a low 100
Ω for a 5 V input signal.
Figure 9. Source/Drain Capacitances
VL
IN
S
V+
D
f = 1 MHz
- 15 V
GND
V-
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C
D2
D1
S1
f = 1 MHz
+ 15 V
IN
S2
NC
GND
V+
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
DG417/418
DG419
VL
IN
S
D
f = 1 MHz
GND
C
0 V, 2.4 V
CC
D2
D1
S1
f = 1 MHz
IN
S2
NC
- 15 V
GND
V+
V-
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
Figure 10. Switched Signal Powers Remote SPDT Analog Switch
Input
Control
GND
DG419
V-
C1
0.01 µF
D1
S1
S2
VOUT
RL1
10 k
Ω
RL2
10 k
Ω
VL
D
IN
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com