Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG411LDY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG411LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411LDY Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG411LDY Datasheet HTML 2Page - Vishay Siliconix DG411LDY Datasheet HTML 3Page - Vishay Siliconix DG411LDY Datasheet HTML 4Page - Vishay Siliconix DG411LDY Datasheet HTML 5Page - Vishay Siliconix DG411LDY Datasheet HTML 6Page - Vishay Siliconix DG411LDY Datasheet HTML 7Page - Vishay Siliconix DG411LDY Datasheet HTML 8Page - Vishay Siliconix DG411LDY Datasheet HTML 9Page - Vishay Siliconix DG411LDY Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number: 71397
S-71241–Rev. E, 25-Jun-07
Vishay Siliconix
DG411L/412L/413L
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa (SINGLE SUPPLY 3 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, V- = 0 V
VL = 3 V, VIN = 0.4 V
f
Tempb
Typc
A Suffix Limits
- 55 to 125 °C
D Suffix Limits
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
0303
V
Drain-Source
On-Resistance
rDS(on)
V+ = 2.7 V, V- = 0 V
IS = 5 mA, VD = 0.5, 2.2 V
Room
Full
65
80
115
80
100
Ω
Switch Off
Leakage Currentg
IS(off)
V+ = 3.3 , V- = 0 V
VD = 1, 2 V, VS = 2, 1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On
Leakage Currentg
ID(on)
V+ = 3.3 V, V- = 0 V
VS = VD = 1, 2 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.4 V
Full
0.005
- 1.5
1.5
- 1
1
µA
Input Current, VIN High
IIH
VIN Under Test = 2.4 V
Full
0.005
- 1.5
1.5
- 1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = 1.5 V, See Figure 2
Room
Full
50
85
150
85
110
ns
Turn-Off Time
tOFF
Room
Full
30
60
100
60
85
Break-Before-Make Time
Delay
tD
DG413L Only, VS = 1.5 V
RL = 300 Ω, CL = 35 pF
Room
6
Charge Injectione
QVg = 0 V, Rg = 0 Ω, CL = 10 nF
Room
1
pC
Off Isolatione
OIRR
RL = 50 Ω, CL = 5 pF , f = 1 MHz
Room
68
dB
Channel-to-Channel
Crosstalke
XTALK
Room
85
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
6
pF
Drain Off Capacitancee
CD(off)
Room
6
Channel On Capacitancee
CD(on)
Room
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com