Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG413 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG413
Description  Precision Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG413 Datasheet HTML 1Page - Vishay Siliconix DG413 Datasheet HTML 2Page - Vishay Siliconix DG413 Datasheet HTML 3Page - Vishay Siliconix DG413 Datasheet HTML 4Page - Vishay Siliconix DG413 Datasheet HTML 5Page - Vishay Siliconix DG413 Datasheet HTML 6Page - Vishay Siliconix DG413 Datasheet HTML 7Page - Vishay Siliconix DG413 Datasheet HTML 8Page - Vishay Siliconix DG413 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 70050
S-71241–Rev. E, 25-Jun-07
Vishay Siliconix
DG411/412/413
Notes:
a.Refer to PROCESS OPTION FLOWCHART.
b.Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS FOR UNIPOLAR SUPPLIESa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
12
12
V
Drain-Source
On-Resistance
rDS(on)
V+ = 10.8 V,
IS = - 10 mA, VD = 3 V, 8 V
Room
Full
40
80
100
80
100
Ω
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = 8 V, See Figure 2
Room
Hot
175
250
400
250
315
ns
Turn-Off Time
tOFF
Room
Hot
95
125
140
125
140
Break-Before-Make
Time Delay
tD
DG413 Only, VS = 8 V
RL = 300 Ω, CL = 35 pF
Room
25
Charge Injection
Q
Vg = 6 V, Rg = 0 Ω, CL = 10 nF
Room
25
pC
Power Supplies
Positive Supply Current
I+
V+ = 13.5 V, VIN = 0 or 5 V
Room
Hot
0.0001
1
5
1
5
µA
Negative Supply Current
I-
Room
Hot
- 0.0001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Hot
0.0001
1
5
1
5
Ground Current
IGND
Room
Hot
- 0.0001
- 1
- 5
- 5
On-Resistance vs. VD and Power Supply Voltage
VD – Drain Voltage (V)
- 20
- 15
- 10
- 5
0
5
10
15
20
45
40
35
30
25
20
15
10
5
0
50
TA = 25 °C
± 5 V
± 8 V
± 10 V
± 12 V
± 15 V
± 20 V
On-Resistance vs. VD and Unipolar Supply Voltage
0
2
4
6
8
1012
14161820
0
50
100
150
200
250
300
VL = 5 V
V+ = 3 V
VL = 3 V
8 V
V+ = 5 V
12 V
15 V
20 V
VD – Drain Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com