Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2011 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2011
Description  Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2011 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2011 Datasheet HTML 1Page - Vishay Siliconix DG2011 Datasheet HTML 2Page - Vishay Siliconix DG2011 Datasheet HTML 3Page - Vishay Siliconix DG2011 Datasheet HTML 4Page - Vishay Siliconix DG2011 Datasheet HTML 5Page - Vishay Siliconix DG2011 Datasheet HTML 6Page - Vishay Siliconix DG2011 Datasheet HTML 7Page - Vishay Siliconix DG2011 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 70102
S-60004–Rev. F, 16-Jan-06
Vishay Siliconix
DG2011
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
rON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0
1
2
3
4
5
6
0
123
VCOM – Analog Voltage (V)
V+ = 2.0 V
IS = 20 mA
V+ = 3.0 V
IS = 50 mA
V+ = 5.0 V
IS = 100 mA
T = 25 °C
4
5
6
Temperature (°C)
V+ = 5.0 V
VIN = 0 V
1
10
100
1000
10000
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
V+ = 5.0 V
1
10
100
1000
10000
ION(off)/INC(off)
ICOM( on)
- 60
- 40
- 20
0
20
40
60
80
100
ICOM(off)
rON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
0
1
2
3
4
5
6
0
123
456
VCOM – Analog Voltage (V)
A: 85 °C
B: 25 °C
C: - 40 °C
V+ = 2.0 V
IS = 20 mA
V+ = 3.0 V
IS = 50 mA
A
B
C
A
B
C
B
C
V+ = 3.0 V
IS = 50 mA
V+ = 5.0 V
IS = 100 mA
A
Input Switching Frequency (Hz)
100
1 k
10 k
100 k
1 M
10 M
100 M
100 pA
1 µA
10 µA
100 µA
1 mA
10 mA
1 nA
10 nA
100 nA
V+ = 5.0 V
- 250
- 200
- 150
- 100
-50
0
50
100
150
200
250
0
1234
5
VCOM, VNO, VNC, – Analog Voltage (V)
V+ = 5.0 V
ICOM(off)
ICOM(on)
ION(off)/INC(off)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com