Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C29 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M16C29
Description  RENESAS MCU M16C FAMILY / M16C/Tiny SERIES
PDF  499 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C29 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M16C29 Datasheet HTML 35Page - Renesas Technology Corp M16C29 Datasheet HTML 36Page - Renesas Technology Corp M16C29 Datasheet HTML 37Page - Renesas Technology Corp M16C29 Datasheet HTML 38Page - Renesas Technology Corp M16C29 Datasheet HTML 39Page - Renesas Technology Corp M16C29 Datasheet HTML 40Page - Renesas Technology Corp M16C29 Datasheet HTML 41Page - Renesas Technology Corp M16C29 Datasheet HTML 42Page - Renesas Technology Corp M16C29 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 499 page
background image
1. Overview
page 15
p
u
o
r
G
9
2
/
C
6
1
M
8
5
4
f
o
7
0
0
2
,
0
3
.r
a
M
2
1
.
1
.
v
e
R
2
1
1
0
-
1
0
1
0
B
9
0
J
E
R
Figure 1.9 Pin Assignment (Top View) of 64-Pin Package
32
31
30
29
28
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
27
64
P66/RxD1
P30/CLK3
P31/SIN3
P32/SOUT3
P33
P64/CTS1/RTS1/CTS0/CLKS1
P65/CLK1
P67/TxD1
P70/TxD2/SDA2/TA0OUT/RTS1/CTS1/CTS0/CLKS1
P71/RxD2/SCL2/TA0IN/CLK1
P76/TA3OUT
P74/TA2OUT/W
P75/TA2IN/W
P72/CLK2/TA1OUT/V/RxD1
P73/CTS2/RTS2/TA1IN/V/TxD1
P00/AN00
P107/AN7/KI3
P104/AN4/KI0
P103/AN3
P102/AN2
P101/AN1
AVSS
P100/AN0
VREF
AVCC
P93/AN24/CTX
P92/AN32/TB2IN/CRX
P02/AN02
P01/AN01
P106/AN6/KI2
P105/AN5/KI1
P77/TA3IN
NOTES:
1.Set bits PACR2 to PACR0 in the PACR register to "0102" before
signals are input or output to individual pins after reset. When the
PACR register is not set, signals are not input or output for some
M16C/29 Group (M16C/29)
PLQP0064KB-A
(64P6Q-A)
(top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com