Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C65 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # M16C65
Description  RENESAS MCU M16C FAMILY / M16C/60
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C65 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button M16C65 Datasheet HTML 69Page - Renesas Technology Corp M16C65 Datasheet HTML 70Page - Renesas Technology Corp M16C65 Datasheet HTML 71Page - Renesas Technology Corp M16C65 Datasheet HTML 72Page - Renesas Technology Corp M16C65 Datasheet HTML 73Page - Renesas Technology Corp M16C65 Datasheet HTML 74Page - Renesas Technology Corp M16C65 Datasheet HTML 75Page - Renesas Technology Corp M16C65 Datasheet HTML 76Page - Renesas Technology Corp M16C65 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 829 page
background image
REJ09B0484-0030 Rev.0.30 Sep 09, 2008
Page 38 of 791
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
M16C/65 Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
4.1
SFRs
An SFR is a control register for a peripheral function. Table 4.1 to Table 4.15 list SFR information.
Notes:
X: Undefined
1.
The blank areas are reserved. No access is allowed.
2.
Software reset, watchdog timer reset, oscillation stop detection reset, voltage monitor 1 reset, and voltage monitor 2 reset do not affect the
following bits: Bits PM01 and PM00 in the PM0 register, VCR1 register, and VCR2 register.
3.
Oscillation stop detection reset does not affect bits CM20, CM21, and CM27.
4.
The state of bits in the RSTFR register depends on a reset type.
5.
When the LVDAS bit of address OFS1 is 1 at hardware reset
6.
This value shows the value after any of the following resets.
- Voltage monitor 0 reset
- When the LVDAS bit of address OFS1 is 0 at hardware reset
- Power-on reset
Table 4.1
SFR Information (1/16) (1)
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
0000 0000b (CNVSS pin is low)
0000 0011b (CNVSS pin is high) (2)
0005h
Processor Mode Register 1
PM1
0000 1000b
0006h
System Clock Control Register 0
CM0
0100 1000b
0007h
System Clock Control Register 1
CM1
0010 0000b
0008h
Chip Select Control Register
CSR
01h
0009h
External Area Recovery Cycle Control Register
EWR
XXXX XX00b
000Ah
Protect Register
PRCR
00h
000Bh
Data Bank Register
DBR
00h
000Ch
Oscillation Stop Detection Register
CM2
0X00 0010b (3)
000Dh
000Eh
000Fh
0010h
Program 2 Area Control Register
PRG2C
XXXX XX00b
0011h
External Area Wait Control Expansion Register
EWC
00h
0012h
Peripheral Clock Select Register
PCLKR
0000 0011b
0013h
0014h
0015h
Clock Prescaler Reset Flag
CPSRF
0XXX XXXXb
0016h
0017h
0018h
Reset Source Determine Register
RSTFR
XX00 001Xb (hardware reset) (4)
0019h
Voltage Detection 2 Circuit Flag Register
VCR1
0000 X000b (2)
001Ah
Voltage Detection Circuit Operation Enable Register
VCR2
000X 0000b (2), (5)
001X 0000b (2), (6)
001Bh
Chip Select Expansion Control Register
CSE
00h
001Ch
PLL Control Register 0
PLC0
0X01 X010b
001Dh
001Eh
Processor Mode Register 2
PM2
XX00 0X01b
001Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com