Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1658M Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # H8SX/1658M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1658M Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button H8SX/1658M Datasheet HTML 57Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 58Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 59Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 60Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 61Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 62Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 63Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 64Page - Renesas Technology Corp H8SX/1658M Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1374 page
background image
Section 2 CPU
Rev. 2.00 Sep. 25, 2008 Page 31 of 1340
REJ09B0413-0200
• Stack Structure
The stack structure of PC at a subroutine branch and that of PC and CCR at an exception
handling are shown in figure 2.5. The PC contents are saved or restored in 24-bit units.
(a) Subroutine Branch
(b) Exception Handling
PC
(24 bits)
EXR*1
Reserved*1, *3
CCR
PC
(24 bits)
SP
SP
Notes: 1.
2.
3.
When EXR is not used it is not stored on the stack.
SP when EXR is not used.
Ignored on return.
(SP
)
*2
Reserved
Figure 2.5 Stack Structure (Middle and Advanced Modes)
2.2.4
Maximum Mode
The program area is extended to 4 Gbytes as compared with that in advanced mode.
• Address Space
The maximum address space of 4 Gbytes can be linearly accessed.
• Extended Registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers or as the upper 16-bit
segments of 32-bit registers or address registers.
• Instruction Set
All instructions and addressing modes can be used.
• Exception Vector Table and Memory Indirect Branch Addresses
In maximum mode, the top area starting at H'00000000 is allocated to the exception vector
table. One branch address is stored per 32 bits. The structure of the exception vector table is
shown in figure 2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com