Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C8A Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M32C8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C8A Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M32C8A Datasheet HTML 82Page - Renesas Technology Corp M32C8A Datasheet HTML 83Page - Renesas Technology Corp M32C8A Datasheet HTML 84Page - Renesas Technology Corp M32C8A Datasheet HTML 85Page - Renesas Technology Corp M32C8A Datasheet HTML 86Page - Renesas Technology Corp M32C8A Datasheet HTML 87Page - Renesas Technology Corp M32C8A Datasheet HTML 88Page - Renesas Technology Corp M32C8A Datasheet HTML 89Page - Renesas Technology Corp M32C8A Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 372 page
background image
M32C/8A Group
9. Clock Generation Circuits
Rev.1.00
Jul 15, 2007
Page 69 of 352
REJ09B0385-0100
9.
Clock Generation Circuits
9.1
Types of the Clock Generation Circuit
The MCU has four on-chip clock generation circuits to generate system clock signals.
• Main clock oscillation circuit
• Sub clock oscillation circuit
• On-chip oscillator
• PLL frequency synthesizer
Table 9.1 lists the specifications of the clock generation circuit. Figure 9.1 shows a block diagram of the clock
generation circuit. Figures 9.2 to 9.8 show clock-associated registers.
Table 9.1
Clock Generation Circuit Specifications
Item
Main Clock Oscillation
Circuit
Sub Clock Oscillation
Circuit
On-chip Oscillator
PLL Frequency
Synthesizer
Applications
• CPU clock source
• Peripheral function
clock source
• CPU clock source
• Count source for
timer A and timer B
• CPU clock source
• Peripheral function
clock source
• CPU clock source
• Peripheral function
clock source
Clock frequency
Up to 32 MHz
32.768 kHz
Approx. 1 MHz
Up to 32 MHz
(see Table 9.3)
Connectable
oscillator or
resonator
• Ceramic resonator
• Crystal oscillator
Crystal oscillator
−−
Oscillator or
resonator
connect pins
XIN, XOUT
XCIN, XCOUT
−−
Oscillation stop/
restart function
Available
Available
Available
Available
Oscillator state
after reset
Oscillating
Stopped
Stopped
Stopped
Other
Externally generated
clock can be used.
Externally generated
clock can be used.
Oscillation stop detect
function:
When the main clock
stops, the on-chip
oscillator starts
oscillating
automatically and
becomes the CPU
and peripheral
function clock source
30 MHz or 20 MHz:
Input 10 MHz to the
main clock
32 MHz or 21.3 MHz
Input 8 MHz to the
main clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com