Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 880 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 880 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 876Page - Renesas Technology Corp HD6432351 Datasheet HTML 877Page - Renesas Technology Corp HD6432351 Datasheet HTML 878Page - Renesas Technology Corp HD6432351 Datasheet HTML 879Page - Renesas Technology Corp HD6432351 Datasheet HTML 880Page - Renesas Technology Corp HD6432351 Datasheet HTML 881Page - Renesas Technology Corp HD6432351 Datasheet HTML 882Page - Renesas Technology Corp HD6432351 Datasheet HTML 883Page - Renesas Technology Corp HD6432351 Datasheet HTML 884Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 880 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 846 of 988
REJ09B0330-0300
BCRL—Bus Control Register L
H'FED5
Bus Controller
7
BRLE
0
R/W
6
BREQOE
0
R/W
5
1
R/W
4
LCASS
1
R/W
3
DDS
1
R/W
0
WAITE
0
R/W
2
1
R/W
1
WDBE
0
R/W
Bit
Initial value
Read/Write
:
:
:
Bus Release Enable
0
1
External bus release is disabled
External bus release is enabled
BREQO Pin Enable
0
1
BREQO output disabled
BREQO output enabled
Reserved
Only 1 should be written to this bit
Reserved
Only 0 should be written to this bit
Write Data Buffer Enable
0
1
WAIT Pin Enable
0
1
Wait input by
WAIT
pin disabled
Wait input by
WAIT
pin enabled
Write data buffer
function not used
Write data buffer
function used
LCAS Select
Write 0 to this bit when using the DRAM interface
DACK Timing Select
When DMAC single address transfer is performed in
DRAM space, full access is always executed
DACK
signal goes low from Tr or T1 cycle
0
1
Burst access is possible when DMAC single address
transfer is performed in DRAM space
DACK signal
goes low from Tc1 or T2 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com