Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 882 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 882 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 878Page - Renesas Technology Corp HD6432351 Datasheet HTML 879Page - Renesas Technology Corp HD6432351 Datasheet HTML 880Page - Renesas Technology Corp HD6432351 Datasheet HTML 881Page - Renesas Technology Corp HD6432351 Datasheet HTML 882Page - Renesas Technology Corp HD6432351 Datasheet HTML 883Page - Renesas Technology Corp HD6432351 Datasheet HTML 884Page - Renesas Technology Corp HD6432351 Datasheet HTML 885Page - Renesas Technology Corp HD6432351 Datasheet HTML 886Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 848 of 988
REJ09B0330-0300
DRAMCR—DRAM Control Register
H'FED7
Bus Controller
7
RFSHE
0
R/W
6
RCW
0
R/W
5
RMODE
0
R/W
4
CMF
0
R/W
3
CMIE
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Bit
Initial value
Read/Write
:
:
:
Refresh Control
0
1
Refresh control is not performed
Refresh control is performed
RAS-CAS Wait
0
Wait state insertion in CAS-before-RAS refreshing disabled
RAS falls in T
Rr cycle
Refresh Mode
0
1
DRAM interface: CAS-before-RAS refreshing used
Self-refreshing used
Compare Match Flag
0
1
Cleared by reading the CMF flag when CMF = 1, then
writing 0 to the CMF flag
[Clearing condition]
[Setting condition]
Set when RTCNT = RTCOR
Compare Match Interrupt Enable
0
1
Interrupt request (CMI) by CMF flag disabled
Interrupt request (CMI) by CMF flag enabled
Refresh Counter Clock Select
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Count operation disabled
Count uses
φ/2
Count uses
φ/8
Count uses
φ/32
Count uses
φ/128
Count uses
φ/512
Count uses
φ/2048
Count uses
φ/4096
One wait state inserted in CAS-before-RAS refreshing
RAS falls in T
Rc1 cycle
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com