Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 898 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 898 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 894Page - Renesas Technology Corp HD6432351 Datasheet HTML 895Page - Renesas Technology Corp HD6432351 Datasheet HTML 896Page - Renesas Technology Corp HD6432351 Datasheet HTML 897Page - Renesas Technology Corp HD6432351 Datasheet HTML 898Page - Renesas Technology Corp HD6432351 Datasheet HTML 899Page - Renesas Technology Corp HD6432351 Datasheet HTML 900Page - Renesas Technology Corp HD6432351 Datasheet HTML 901Page - Renesas Technology Corp HD6432351 Datasheet HTML 902Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 898 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 864 of 988
REJ09B0330-0300
Channel 1B Data Transfer Enable
Channel 1A Data Transfer Enable
Channel 0B Data Transfer Enable
0
1
Data transfer disabled
Data transfer enabled
Channel 0A Data Transfer Enable
Channel 1B Data Transfer Interrupt
Enable
Channel 1A Data Transfer Interrupt
Enable
Channel 0A Data Transfer
Interrupt Enable
7
DTE1B
0
R/W
6
DTE1A
0
R/W
5
DTE0B
0
R/W
4
DTE0A
0
R/W
3
DTIE1B
0
R/W
0
DTIE0A
0
R/W
2
DTIE1A
0
R/W
1
DTIE0B
0
R/W
Short address mode (cont)
Bit
DMABCRL
Initial value
Read/Write
:
:
:
:
Channel 0B Data Transfer
Interrupt Enable
0
1
Transfer end interrupt disabled
Transfer end interrupt enabled
0
1
Transfer end interrupt disabled
Transfer end interrupt enabled
0
1
Transfer end interrupt disabled
Transfer end interrupt enabled
0
1
Transfer end interrupt disabled
Transfer end interrupt enabled
0
1
Data transfer disabled
Data transfer enabled
0
1
Data transfer disabled
Data transfer enabled
0
1
Data transfer disabled
Data transfer enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com