Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 894 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 894 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 890Page - Renesas Technology Corp HD6432351 Datasheet HTML 891Page - Renesas Technology Corp HD6432351 Datasheet HTML 892Page - Renesas Technology Corp HD6432351 Datasheet HTML 893Page - Renesas Technology Corp HD6432351 Datasheet HTML 894Page - Renesas Technology Corp HD6432351 Datasheet HTML 895Page - Renesas Technology Corp HD6432351 Datasheet HTML 896Page - Renesas Technology Corp HD6432351 Datasheet HTML 897Page - Renesas Technology Corp HD6432351 Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 860 of 988
REJ09B0330-0300
7
DTSZ
0
R/W
6
DTID
0
R/W
5
RPE
0
R/W
4
DTDIR
0
R/W
3
DTF3
0
R/W
0
DTF0
0
R/W
2
DTF2
0
R/W
1
DTF1
0
R/W
Short address mode
Bit
DMACR
Initial value
Read/Write
:
:
:
:
0
—
Data Transfer Factor
0
0
0
Channel A
Channel B
Activated by TPU channel 5 compare
match/input capture A interrupt
Activated by TPU channel 4 compare
match/input capture A interrupt
Activated by TPU channel 3 compare
match/input capture A interrupt
Activated by TPU channel 2 compare
match/input capture A interrupt
Activated by TPU channel 1 compare
match/input capture A interrupt
Activated by TPU channel 0 compare
match/input capture A interrupt
Activated by SCI channel 1 reception
complete interrupt
Activated by SCI channel 1 transmission
complete interrupt
Activated by SCI channel 0 reception
complete interrupt
Activated by SCI channel 0 transmission
complete interrupt
—
Activated by A/D converter conversion
end interrupt
1
0
1
0
1
0
1
0
0
1
0
1
0
1
0
1
0
1
1
10
1
1
10
1
—
—
Dual address mode: Transfer with
MAR as source address and IOAR
as destination address
Single address mode: Transfer with
MAR as source address and
DACK
pin as write strobe
0
1
Byte-size transfer
Word-size transfer
Data Transfer Size
0
1
MAR is incremented after a data transfer
MAR is decremented after a data transfer
Data Transfer Increment/Decrement
0
1
Transfer in sequential mode
Transfer in repeat mode or idle mode
Repeat Enable
0
1
Data Transfer Direction
Dual address mode: Transfer with
IOAR as source address and MAR
as destination address
Single address mode: Transfer with
DACK pin as read strobe and MAR
as destination address
Activated by
DREQ pin
falling edge input
Activated by
DREQ pin
low-level input
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com