Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 890 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 890 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 886Page - Renesas Technology Corp HD6432351 Datasheet HTML 887Page - Renesas Technology Corp HD6432351 Datasheet HTML 888Page - Renesas Technology Corp HD6432351 Datasheet HTML 889Page - Renesas Technology Corp HD6432351 Datasheet HTML 890Page - Renesas Technology Corp HD6432351 Datasheet HTML 891Page - Renesas Technology Corp HD6432351 Datasheet HTML 892Page - Renesas Technology Corp HD6432351 Datasheet HTML 893Page - Renesas Technology Corp HD6432351 Datasheet HTML 894Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 890 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 856 of 988
REJ09B0330-0300
DMAWER—DMA Write Enable Register
H'FF00
DMAC
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
WE1B
0
R/W
0
WE0A
0
R/W
2
WE1A
0
R/W
1
WE0B
0
R/W
Bit
DMAWER
Initial value
Read/Write
:
:
:
:
0
1
Write Enable 1B
0
1
Write Enable 1A
0
1
Writes to all bits in DMACR0A,
and bits 8, 4, and 0 in DMABCR
are disabled
Write Enable 0A
0
1
Write Enable 0B
Writes to all bits in DMACR0A,
and bits 8, 4, and 0 in DMABCR
are enabled
Writes to all bits in DMACR0B, bits 9,
5, and 1 in DMABCR, and bit 4 in
DMATCR are disabled
Writes to all bits in DMACR0B, bits 9,
5, and 1 in DMABCR, and bit 4 in
DMATCR are enabled
Writes to all bits in DMACR1A, and bits
10, 6, and 2 in DMABCR are disabled
Writes to all bits in DMACR1A, and bits
10, 6, and 2 in DMABCR are enabled
Writes to all bits in DMACR1B, bits 11, 7, and 3 in
DMABCR, and bit 5 in DMATCR are disabled
Writes to all bits in DMACR1B, bits 11, 7, and 3 in
DMABCR, and bit 5 in DMATCR are enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com