Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 892 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 892 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 888Page - Renesas Technology Corp HD6432351 Datasheet HTML 889Page - Renesas Technology Corp HD6432351 Datasheet HTML 890Page - Renesas Technology Corp HD6432351 Datasheet HTML 891Page - Renesas Technology Corp HD6432351 Datasheet HTML 892Page - Renesas Technology Corp HD6432351 Datasheet HTML 893Page - Renesas Technology Corp HD6432351 Datasheet HTML 894Page - Renesas Technology Corp HD6432351 Datasheet HTML 895Page - Renesas Technology Corp HD6432351 Datasheet HTML 896Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 858 of 988
REJ09B0330-0300
DMACR0A—DMA Control Register 0A
H'FF02
DMAC
DMACR0B—DMA Control Register 0B
H'FF03
DMAC
DMACR1A—DMA Control Register 1A
H'FF04
DMAC
DMACR1B—DMA Control Register 1B
H'FF05
DMAC
15
DTSZ
0
R/W
14
SAID
0
R/W
13
SAIDE
0
R/W
12
BLKDIR
0
R/W
11
BLKE
0
R/W
8
—
0
R/W
10
—
0
R/W
9
—
0
R/W
0
1
Byte-size transfer
Word-size transfer
Data Transfer Size
0
1
Source Address Increment/Decrement
0
1
0
1
MARA is fixed
MARA is incremented after a data transfer
MARA is fixed
MARA is decremented after a data transfer
0
1
Block Direction/Block Enable
0
1
0
1
Transfer in normal mode
Transfer in block transfer mode, destination side is block area
Transfer in normal mode
Transfer in block transfer mode, source side is block area
Full address mode
Bit
DMACRA
Initial value
Read/Write
:
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com