Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 1013 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 1013 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 1009Page - Renesas Technology Corp HD6432351 Datasheet HTML 1010Page - Renesas Technology Corp HD6432351 Datasheet HTML 1011Page - Renesas Technology Corp HD6432351 Datasheet HTML 1012Page - Renesas Technology Corp HD6432351 Datasheet HTML 1013Page - Renesas Technology Corp HD6432351 Datasheet HTML 1014Page - Renesas Technology Corp HD6432351 Datasheet HTML 1015Page - Renesas Technology Corp HD6432351 Datasheet HTML 1016Page - Renesas Technology Corp HD6432351 Datasheet HTML 1017Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1013 / 1025 page
background image
Appendix D Pin States
Rev. 3.00 Sep 15, 2006 page 979 of 988
REJ09B0330-0300
Port Name
Pin Name
MCU
Operating
Mode
Power-
On
Reset
Manual
Reset
Hardware
Standby
Mode
Software
Standby
Mode
Bus
Release
State
Program
Execution
State
Sleep Mode
PG0/CAS
1 to 3, 7
T
kept
T
kept
kept
I/O port
4 to 6
T
[DRAME = 0]
kept
[DRAME = 1]
H*
T
[DRAME = 0]
kept
[OPE = 0]
T
[DRAME ·
OPE = 1]
CAS
T
[DRAME =
0]
Input port
[DRAME =
1]
CAS
Legend:
H
: High level
L
: Low level
T
: High impedance
kept
: Input port becomes high-impedance, output port retains state
DDR
: Data direction register
OPE
: Output port enable
WAITE
: Wait input enable
BRLE
: Bus release enable
BREQOE : BREQO pin enable
DRAME
: DRAM space setting
LCASE
: DRAM space setting, CW2 = LCASS = 0
Note:
* Indicates the state after completion of the executing bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com