Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 1017 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 1017 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 1013Page - Renesas Technology Corp HD6432351 Datasheet HTML 1014Page - Renesas Technology Corp HD6432351 Datasheet HTML 1015Page - Renesas Technology Corp HD6432351 Datasheet HTML 1016Page - Renesas Technology Corp HD6432351 Datasheet HTML 1017Page - Renesas Technology Corp HD6432351 Datasheet HTML 1018Page - Renesas Technology Corp HD6432351 Datasheet HTML 1019Page - Renesas Technology Corp HD6432351 Datasheet HTML 1020Page - Renesas Technology Corp HD6432351 Datasheet HTML 1021Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1025 page
background image
Appendix E Pin States at Power-On
Rev. 3.00 Sep 15, 2006 page 983 of 988
REJ09B0330-0300
Appendix E Pin States at Power-On
Note that pin states at power-on depend on the state of the
STBY pin and NMI pin. The case in
which pins settle* from an indeterminate state at power-on, and the case in which pins settle* from
the high-impedance state, are described below.
After reset release, power-on reset exception handling is started.
Note: * “Settle” refers to the pin states in a power-on reset in each MCU operating mode.
E.1
When Pins Settle from an Indeterminate State at Power-On
When the NMI pin level changes from low to high after powering on, the chip goes to the power-
on reset state after a high level is detected at the NMI pin. While the chip detects a low level at the
NMI pin, the manual reset state is established. The pin states are indeterminate during this interval.
(Ports may output an internally determined value after powering on.)
The NMI setup time (tNMIS) is necessary for the chip to detect a high level at the NMI pin.
VCC
STBY
NMI
RES
φ
Power-on reset
tOSC1
NMI = Low
→ NMI = High
RES = Low
Manual reset
Figure E.1 When Pins Settle from an Indeterminate State at Power-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com