Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 1021 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 1021 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 1017Page - Renesas Technology Corp HD6432351 Datasheet HTML 1018Page - Renesas Technology Corp HD6432351 Datasheet HTML 1019Page - Renesas Technology Corp HD6432351 Datasheet HTML 1020Page - Renesas Technology Corp HD6432351 Datasheet HTML 1021Page - Renesas Technology Corp HD6432351 Datasheet HTML 1022Page - Renesas Technology Corp HD6432351 Datasheet HTML 1023Page - Renesas Technology Corp HD6432351 Datasheet HTML 1024Page - Renesas Technology Corp HD6432351 Datasheet HTML 1025Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1021 / 1025 page
background image
Appendix H Package Dimensions
Rev. 3.00 Sep 15, 2006 page 987 of 988
REJ09B0330-0300
Appendix H Package Dimensions
The package dimension that is shown in the Renesas Semiconductor Package Data Book has
priority.
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
1.20
1.20
0.10
0.07
0.4
8°
0°
1.20
0.15
0.15
0.20
0.10
0.00
0.22
0.17
0.12
0.22
0.17
0.12
15.8
16.0
16.2
L1
L
ZE
ZD
y
x
e
e
c1
c
D
b1
bp
A
HD
A2
E
A1
HE
0.6
0.5
0.4
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14
1.00
16.2
16.0
15.8
1.0
14
Index mark
*1
*3
p
D
D
F
xM
y
120
130
31
90
91
60
61
Z
b
H
D
1
Detail F
L
L
Terminal cross section
p
1
b
b
θ
θ
P-TQFP120-14x14-0.40
0.5g
MASS[Typ.]
TFP-120/TFP-120V
PTQP0120LA-A
RENESAS Code
JEITA Package Code
Previous Code
Figure H.1 TFP-120 Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com