Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD6432351 Datasheet(PDF) 1022 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 1022 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 1017Page - Renesas Technology Corp HD6432351 Datasheet HTML 1018Page - Renesas Technology Corp HD6432351 Datasheet HTML 1019Page - Renesas Technology Corp HD6432351 Datasheet HTML 1020Page - Renesas Technology Corp HD6432351 Datasheet HTML 1021Page - Renesas Technology Corp HD6432351 Datasheet HTML 1022Page - Renesas Technology Corp HD6432351 Datasheet HTML 1023Page - Renesas Technology Corp HD6432351 Datasheet HTML 1024Page - Renesas Technology Corp HD6432351 Datasheet HTML 1025Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1022 / 1025 page
background image
Appendix H Package Dimensions
Rev. 3.00 Sep 15, 2006 page 988 of 988
REJ09B0330-0300
0.75
0.75
15.8
16.0
16.2
0.10
0.7
0.5
0.3
0.15
0.20
14
2.70
22.2
22.0
21.8
3.15
0.25
0.10
0.00
0.27
0.22
0.17
0.22
0.17
0.12
0.5
8°
0°
0.10
1.0
20
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
L1
ZE
ZD
y
x
c
b1
bp
A
HD
A2
E
D
A1
c1
e
L
HE
Index mark
*1
*3
128
1
yM
x
F
38
39
103
102
64
65
D
D
p
Z
b
H
D
Detail F
1
L
L
1
p
Terminal cross section
b
b
θ
θ
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-QFP128-14x20-0.50
1.7g
MASS[Typ.]
FP-128B/FP-128BV
PRQP0128KB-A
RENESAS Code
JEITA Package Code
Previous Code
Figure H.2 FP-128 Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com